Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC8228 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DOC8228
Description  ZigBit??2.4 GHz Amplified Wireless Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DOC8228 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DOC8228 Datasheet HTML 4Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 5Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 6Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 7Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 8Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 9Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 10Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 11Page - List of Unclassifed Manufacturers DOC8228 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ZigBit™ 2.4 GHz Amplified Wireless Modules
2-5
8228B–MCU Wireless–06/09
Section 2
Zigbit™ Module Overview
2.1
Overview
ZigBit™ Amp is an extended-range, low-power, high sensitivity IEEE 802.15.4/ZigBee OEM module,
which occupies less than a square inch of space. Based on a solid combination of Atmel's latest MCU
Wireless hardware platform, power amplifier and low-noise amplifier, the ZigBit Amp offers an
unmatched combination of superior radio performance, ultra-low power consumption and exceptional
ease of integration.
Figure 2-1.
ATZB-A24-UFL/UN Block Diagram
ZigBit Amp modules contains Atmel's ATmega1281V Microcontroller [4] and AT86RF230 RF Trans-
ceiver [5]. The module features 128K bytes flash memory and 8K bytes RAM.
The compact all-in-one-chip integration of output Power Amplifier and input Low-Noise Amplifier, along
with RF switches enables digital control of an external RF front-end to dramatically improve ZigBit's
range performance on signal transmission and increase its sensitivity. This ensures stable connectivity
with larger coverage area without significant increase in module size. The HF U.FL coaxial connector [6]
used in the ATZB-A24-UFL module enables the user to choose appropriate external antenna for every
type of application.
ZigBit Amp already contains a complete RF/MCU design with all the necessary passive components
included. The module can be easily mounted on a simple 2-layer PCB with a minimum of required exter-
nal connection. Compared to a custom RF/MCUsolution, a module-based solution offers considerable
savings in development time and NRE cost per unit during the design, prototyping, and mass production
phases of product development.
ATmega1281
AT86RF230
RF
Transceiver
VCC (1.8 - 3.6V)
GPIO
SPI Bus
IRQ
UART
USART/SPI
I2C
JTAG
ANALOG
SW
SW
LNA
PA
RF
I/O
Antenna



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com