Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6620ASZ Datasheet(PDF) 41 Page - Analog Devices

Part # AD6620ASZ
Description  67 MSPS Digital Receive Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6620ASZ Datasheet(HTML) 41 Page - Analog Devices

Back Button AD6620ASZ Datasheet HTML 36Page - Analog Devices AD6620ASZ Datasheet HTML 37Page - Analog Devices AD6620ASZ Datasheet HTML 38Page - Analog Devices AD6620ASZ Datasheet HTML 39Page - Analog Devices AD6620ASZ Datasheet HTML 40Page - Analog Devices AD6620ASZ Datasheet HTML 41Page - Analog Devices AD6620ASZ Datasheet HTML 42Page - Analog Devices AD6620ASZ Datasheet HTML 43Page - Analog Devices AD6620ASZ Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
AD6620
–41–
REV. A
The impulse response length of the CIC2 is given by
21
2
×−
(
)
M
f
CIC
ADC
The composite impulse response length of all three stages is
NM
M
M
M
M
f
TAPS
CIC
CIC
CIC
CIC
CIC
ADC
××
+ ×
×
− ×
+
52
52
2
43
1
The Algorithmic Latency is
NM
M
M
M
M
f
TAPS
CIC
CIC
CIC
CIC
CIC
ADC
××
+ ×
×
− ×
+
×
52
52
2
43
1
2
Fixed Latency is the delay due to each register between the input
and the output of the AD6620. The latency is the count of each
register multiplied by the period of the clock that drives it. The
fixed latency of the AD6620 can be approximated by the follow-
ing expression:
10
7
7
5
25
tt
M
M
M
N
t
CLK
SAMP
CIC
CIC
RCF
TAPS
CLK
++
+
+
[]
[]
[]+×
where:
tCLK
is the high speed clock to the AD6620.
tSAMP is the data rate delivered to the AD6620.
Normally tCLK and tSAMP are the same unless a clock multiplier is
used such as with the AD6600’s 2
× clock output.
Variable Latency is due to any differences between the asyn-
chronous edge of the SYNC pulses and the data rate. This
includes use of the internal synchronization options.
Based on the information on latency, the plots shown below
provide typical latency for a variety of different applications.
They were obtained by inserting a –FS dc step into the Input Data
Port of the AD6620. These are I channel step responses for the
input transient. The latency is defined as the output period times
number of output samples until the output reached approxi-
mately 50% of the step value.
OUTPUT SAMPLES
0.20
–0.40
–1.00
121
3
57
9
11 13
15 17
19
0.00
–0.20
–0.60
–0.80
23
25
27 29
61.44MHz
SAMPLE RATE
MCIC2 = 16
MCIC5 = 8
MRCF = 8
NTAPS = 256
AT 19 OUTPUT SAMPLES,
THE LATENCY WOULD
BE 0.32ms
EXPECTED LATENCY = 0.303ms
Figure 52. AMPS Example
OUTPUT SAMPLES
0.20
–0.40
111
2
34
56
7
8
9
10
0.00
–0.20
–0.60
–0.80
12
13
14
15
58.9824MHz
SAMPLE RATE
MCIC2 = 2
MCIC5 = 4
MRCF = 6
NTAPS = 48
AT 8 OUTPUT SAMPLES,
THE LATENCY WOULD
BE 6.51 s
EXPECTED LATENCY = 6.31 s
Figure 53. CDMA Example
OUTPUT SAMPLES
0.20
–0.40
121
3
57
9
11 13
15 17
19
0.00
–0.20
–0.60
–0.80
23
25
27 29
64.512MHz
SAMPLE RATE
MCIC2 = 2
MCIC5 = 14
MRCF = 3
NTAPS = 84
AT 19 OUTPUT SAMPLES,
THE LATENCY WOULD
BE 24.7 s
EXPECTED LATENCY = 24.31 s
Figure 54. PHS Example
OUTPUT SAMPLES
0.20
–0.40
111
2
34
56
7
8
9
10
0.00
–0.20
–0.60
–0.80
12
13
14
15
–1.00
65.0MHz
SAMPLE RATE
MCIC2 = 2
MCIC5 = 6
MRCF = 20
NTAPS = 240
AT 9 OUTPUT SAMPLES,
THE LATENCY WOULD
BE 33.23 s
EXPECTED LATENCY = 31.2 s
Figure 55. WB-GSM Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com