Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6620ASZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD6620ASZ
Description  67 MSPS Digital Receive Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6620ASZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD6620ASZ Datasheet HTML 20Page - Analog Devices AD6620ASZ Datasheet HTML 21Page - Analog Devices AD6620ASZ Datasheet HTML 22Page - Analog Devices AD6620ASZ Datasheet HTML 23Page - Analog Devices AD6620ASZ Datasheet HTML 24Page - Analog Devices AD6620ASZ Datasheet HTML 25Page - Analog Devices AD6620ASZ Datasheet HTML 26Page - Analog Devices AD6620ASZ Datasheet HTML 27Page - Analog Devices AD6620ASZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
AD6620
–24–
REV. A
This table helps to calculate an upper bound on decimation,
MCIC5, given the desired filter characteristics.
The plots following (Figure 38) represent the CIC5 transfer
function with respect to the CIC5 output rate for a decimation
of 4. The first plot is referenced to the input sample rate and
shows the complex spectrum from –fSAMP/2 to +fSAMP/2. The
second plot is referenced to the CIC5 output rate; the complex
spectrum ranges from –fSAMP5/2 to +fSAMP5/2. Aliased images in
CIC5 “fold back” toward the edge of the desired filter pass
band. It is the level of these aliases as they move into the desired
pass band that are of concern. The improved roll-off of CIC5
over CIC2 can be seen when these plots are compared to those
previously shown for CIC2.
–0.5
–120
–100
–80
–60
–40
–20
0
f/fSAMP
–0.4 –0.3
–0.2
–0.1
0.1
0.2
0.3
0.4
0.5
0
–0.5
–120
–100
–80
–60
–40
–20
0
f/fSAMP5
–0.4 –0.3
–0.2
–0.1
0.1
0.2
0.3
0.4
0.5
0
Figure 38. CIC5 Alias Rejection, MCIC5 = 4
CIC5 Rejection
The table below illustrates the amount of bandwidth in percent-
age of the clock rate that can be protected with various decimation
rates and alias rejection specifications. The maximum input rate
into the CIC5 is 32.5 MHz. As in the previous table, these
are the 1/2 bandwidth characteristics of the CIC5. Note that
the CIC5 stage can protect a much wider band than the CIC2 for
any given rejection.
Table IV. SSB CIC5 Alias Rejection Table (fSAMP2 = 1)
Bandwidth Shown in Percentage of fSAMP2
MCIC5
–50 dB –60 dB
–70 dB
–80 dB –90 dB
–100 dB
2
10.227
8.078
6.393
5.066
4.008
3.183
3
7.924
6.367
5.11
4.107
3.297
2.642
4
6.213
5.022
4.057
3.271
2.636
2.121
5
5.068
4.107
3.326
2.687
2.17
1.748
6
4.267
3.463
2.808
2.27
1.836
1.48
7
3.68
2.989
2.425
1.962
1.588
1.281
8
3.233
2.627
2.133
1.726
1.397
1.128
9
2.881
2.342
1.902
1.54
1.247
1.007
10
2.598
2.113
1.716
1.39
1.125
0.909
11
2.365
1.924
1.563
1.266
1.025
0.828
12
2.17
1.765
1.435
1.162
0.941
0.76
13
2.005
1.631
1.326
1.074
0.87
0.703
14
1.863
1.516
1.232
0.998
0.809
0.653
15
1.74
1.416
1.151
0.932
0.755
0.61
16
1.632
1.328
1.079
0.874
0.708
0.572
17
1.536
1.25
1.016
0.823
0.667
0.539
18
1.451
1.181
0.96
0.778
0.63
0.509
19
1.375
1.119
0.91
0.737
0.597
0.483
20
1.307
1.064
0.865
0.701
0.568
0.459
21
1.245
1.013
0.824
0.667
0.541
0.437
22
1.188
0.967
0.786
0.637
0.516
0.417
23
1.137
0.925
0.752
0.61
0.494
0.399
24
1.09
0.887
0.721
0.584
0.474
0.383
25
1.046
0.852
0.692
0.561
0.455
0.367
26
1.006
0.819
0.666
0.54
0.437
0.353
27
0.969
0.789
0.641
0.52
0.421
0.34
28
0.934
0.761
0.618
0.501
0.406
0.328
29
0.902
0.734
0.597
0.484
0.392
0.317
30
0.872
0.71
0.577
0.468
0.379
0.306
31
0.844
0.687
0.559
0.453
0.367
0.297
32
0.818
0.666
0.541
0.439
0.355
0.287



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com