Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6620ASZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD6620ASZ
Description  67 MSPS Digital Receive Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6620ASZ Datasheet(HTML) 2 Page - Analog Devices

  AD6620ASZ Datasheet HTML 1Page - Analog Devices AD6620ASZ Datasheet HTML 2Page - Analog Devices AD6620ASZ Datasheet HTML 3Page - Analog Devices AD6620ASZ Datasheet HTML 4Page - Analog Devices AD6620ASZ Datasheet HTML 5Page - Analog Devices AD6620ASZ Datasheet HTML 6Page - Analog Devices AD6620ASZ Datasheet HTML 7Page - Analog Devices AD6620ASZ Datasheet HTML 8Page - Analog Devices AD6620ASZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
AD6620
–2–
REV. A
I-RAM
256
18
C-RAM
256
20
Q-RAM
256
18
MRCF
RCF
MCICS
CIC5
SCALING
INTERLEAVE
DE-
INTERLEAVE
MULTI-
PLEXER
MCICS
CIC2
SCALING
MULTI-
PLEXER
EXP
SCALING
FREQUENCY
TRANSLATOR
3
18
18
I
Q
16
INPUT
DATA
3
EXP[2:0]
16
IN[15:0]
COMPLEX
NCO
fSAMP5
EXPLNV,
EXPOFF
TIMING
SYNC
I/O
CLK
A/B
RESET
SYNC RCF
SYNC CIC
SYNC NCO
PHASE
OFFSET
fSAMP2
fSAMP
MULTIPLEXER
SCALING, SOUT
SERIAL
PARALLEL
16
23
23
DVOUT
I/QOUT
A/BOUT
PARALLEL
OUTPUTS
AND
SERIAL I/O
16
OUT[15:0]
SCLK
SDI
SDO
SDFS
SDFE
SBM
WL[1:0]
AD
SDIV[3:0]
RCF COEFFICIENTS
NUMBER OF TAPS
DECIMATE FACTOR
ADDRESS OFFSET
CIC2, CIC5
DECIMATE FACTORS
SCALE FACTORS
NCO FREQUENCY
PHASE OFFSET
DITHER
SYNC MASK
INPUT MODE
REAL, DUAL, COMPLEX
FIXED OR WITH EXPONENT
SYNC M/S
OUTPUT
SCALE
FACTOR
JTAG
TRST
TCK
TMS
TDI
TDO
MICROPROCESSOR INTERFACE
DS
D[7:0] A[2:0]
R/W
DTACK
CS
MODE PAR/SER
CONTROL REGISTERS
MICROPORT AND
SERIAL ACCESS
(
W/R)
(RDY)
(
R/D)
OUTPUT
Figure 1. Block Diagram
TABLE OF CONTENTS
GENERAL DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . . 1
ARCHITECTURE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
TIMING . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
ABSOLUTE MAXIMUM RATINGS . . . . . . . . . . . . . . . . 11
EXPLANATION OF TEST LEVELS . . . . . . . . . . . . . . . . 11
ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
PIN FUNCTION DESCRIPTIONS . . . . . . . . . . . . . . . . . 12
PIN CONFIGURATIONS . . . . . . . . . . . . . . . . . . . . . . . . . 13
INPUT DATA PORT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
OUTPUT DATA PORT . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
FREQUENCY TRANSLATOR . . . . . . . . . . . . . . . . . . . . . 19
SECOND ORDER CASCADED INTEGRATOR
COMB FILTER . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
FIFTH ORDER CASCADED INTEGRATOR
COMB FILTER . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
RAM COEFFICIENT FILTER . . . . . . . . . . . . . . . . . . . . . 25
CONTROL REGISTERS AND ON-CHIP RAM . . . . . . . 27
PROGRAMMING THE AD6620 . . . . . . . . . . . . . . . . . . . 30
ACCESS PROTOCOLS . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
MICROPORT CONTROL . . . . . . . . . . . . . . . . . . . . . . . . 32
SERIAL PORT CONTROL . . . . . . . . . . . . . . . . . . . . . . . . 35
JTAG BOUNDARY SCAN . . . . . . . . . . . . . . . . . . . . . . . . 37
APPLICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . . . . 44
ARCHITECTURE
As shown in Figure 1, the AD6620 has four main signal pro-
cessing stages: a Frequency Translator, two Cascaded Integrator
Comb FIR Filters (CIC2, CIC5), and a RAM Coefficient FIR
Filter (RCF). Multiple modes are supported for clocking data
into and out of the chip. Programming and control is accom-
plished via serial and microprocessor interfaces.
Input data to the chip may be real or complex. If the input data
is real, it may be clocked in as a single channel or interleaved
with a second channel. The two-channel input mode, called
Diversity Channel Real, is typically used in diversity receiver
applications. Input data is clocked in 16-bit parallel words,
IN[15:0]. This word may be combined with exponent input bits
EXP[2:0] when the AD6620 is being driven by floating-point or
gain-ranging analog-to-digital converters such as the AD6600.
Frequency translation is accomplished with a 32-bit complex
Numerically Controlled Oscillator (NCO). Real data entering
this stage is separated into in-phase (I) and quadrature (Q)
components. This stage translates the input signal from a digital
intermediate frequency (IF) to baseband. Phase and amplitude
dither may be enabled on-chip to improve spurious performance
of the NCO. A phase offset word is available to create a known
phase relationship between multiple AD6620s.
Following frequency translation is a fixed coefficient, high speed
decimating filter that reduces the sample rate by a program-
mable ratio between 2 and 16. This is a second order, cascaded
integrator comb FIR filter shown as CIC2 in Figure 1. (Note:
Decimation of 1 in CIC2 requires 2
× or greater clock into
AD6620). The data rate into this stage equals the input data
rate, fSAMP. The data rate out of CIC2, fSAMP2, is determined by
the decimation factor, MCIC2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com