Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6620ASZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD6620ASZ
Description  67 MSPS Digital Receive Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6620ASZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD6620ASZ Datasheet HTML 4Page - Analog Devices AD6620ASZ Datasheet HTML 5Page - Analog Devices AD6620ASZ Datasheet HTML 6Page - Analog Devices AD6620ASZ Datasheet HTML 7Page - Analog Devices AD6620ASZ Datasheet HTML 8Page - Analog Devices AD6620ASZ Datasheet HTML 9Page - Analog Devices AD6620ASZ Datasheet HTML 10Page - Analog Devices AD6620ASZ Datasheet HTML 11Page - Analog Devices AD6620ASZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
AD6620
–8–
REV. A
SERIAL PORT: BUS MASTER
RESET with PAR/SER = “0” establishes Serial Port active.
SBM = “1” puts AD6620 in Serial Bus Master mode SCLK is
output; SDFS is output.
tSCLKD
tSCLKL
tSCLKH
CLK
SCLK
tSCLK
Figure 9. SCLK Switching Characteristics
tSSI
tHSI
DATA
SDI
SCLK
Figure 10. Serial Input Data Timing Requirements
SCLK
tDSF
tDSE
tSDFEH
tSDFSH
SDFS
SDFE
Figure 11. Serial Frame Switching Characteristics
tDSO
I15
I14
I13
SCLK
SDO
Figure 12. Serial Output Data Switching Characteristics
SERIAL PORT: CASCADE MODE
RESET with PAR/SER = “0” establishes Serial Port active.
SBM = “0” puts AD6620 in Serial Port Cascade mode, SCLK
is input; SDFS is input.
tSCLK
tSCLKH
tSCLKL
SCLK
Figure 13. SCLK Timing Requirements
tSSI
tHSI
SCLK
SDI
DATA
Figure 14. Serial Input Data Timing Requirements
tHSRF
I15
I14
SCLK
SDO
tHSF
Q1
Q0
SDFS
tSSF
Figure 15. SDO/SDFS Timing Requirements
tDSO
I15
I14
SCLK
SDO
tDSE
tSDFEH
Q1
Q0
SDFE
Figure 16. SDO, SDFE Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com