Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6620ASZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD6620ASZ
Description  67 MSPS Digital Receive Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6620ASZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD6620ASZ Datasheet HTML 7Page - Analog Devices AD6620ASZ Datasheet HTML 8Page - Analog Devices AD6620ASZ Datasheet HTML 9Page - Analog Devices AD6620ASZ Datasheet HTML 10Page - Analog Devices AD6620ASZ Datasheet HTML 11Page - Analog Devices AD6620ASZ Datasheet HTML 12Page - Analog Devices AD6620ASZ Datasheet HTML 13Page - Analog Devices AD6620ASZ Datasheet HTML 14Page - Analog Devices AD6620ASZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
AD6620
–11–
REV. A
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +4.5 V
Input Voltage . . . –0.3 V to VDD + 0.3 V (Not 5 V Tolerant)
Output Voltage Swing . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Load Capacitance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200 pF
Junction Temperature Under Bias . . . . . . . . . . . . . . . . 130
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (5 sec) . . . . . . . . . . . . . . . . . . . . . . 280
°C
*Stresses greater than those listed above may cause permanent damage to the
device. These are stress ratings only; functional operation of the device at these or
any other conditions greater than those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Thermal Characteristics
80-Lead Plastic Quad Flatpack:
θ
JA = 44
°C/W
θ
JC = 11
°C/W
EXPLANATION OF TEST LEVELS
I.
100% Production Tested.
II.
100% Production Tested at 25
°C, and Sampled Tested at
Specified Temperatures.
III. Sample Tested Only.
IV. Parameter Guaranteed by Design and Analysis.
V.
Parameter is Typical Value Only.
VI. 100% Production Tested at 25
°C, and Sampled Tested at
Temperature Extremes.
ORDERING GUIDE
Package
Model
Temperature Range
Package Description
Option
AD6620AS
–40
°C to +85°C (Ambient)
80-Lead PQFP (Plastic Quad Flatpack)
S-80A
AD6620S/PCB
Evaluation Board with AD6620AS and Software
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD6620 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com