Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6620ASZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD6620ASZ
Description  67 MSPS Digital Receive Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6620ASZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD6620ASZ Datasheet HTML 3Page - Analog Devices AD6620ASZ Datasheet HTML 4Page - Analog Devices AD6620ASZ Datasheet HTML 5Page - Analog Devices AD6620ASZ Datasheet HTML 6Page - Analog Devices AD6620ASZ Datasheet HTML 7Page - Analog Devices AD6620ASZ Datasheet HTML 8Page - Analog Devices AD6620ASZ Datasheet HTML 9Page - Analog Devices AD6620ASZ Datasheet HTML 10Page - Analog Devices AD6620ASZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
AD6620
–7–
REV. A
TIMING DIAGRAMS
CLK, INPUTS, PARALLEL OUTPUTS
RESET with PAR/SER = “1” establishes Parallel Outputs active.
tCLKH
tCLKL
tCLK
CLK
Figure 3. CLK Timing Requirements
CLK
IN[15:0]
EXP[2:0]
A/B
tSI
tHI
DATA
Figure 4. Input Data Timing Requirements
CLK
OUT[15:0]
VALID OUTPUT DATA
DVOUT
I/QOUT
tDPR
tDPF
I
Q
I
Q
IA
QA
IB
QB
tDPF
Figure 5. Parallel Output Switching Characteristics
SYNC PULSES: SLAVE OR MASTER
tSY
tHY
CLK
SYNC NCO
SYNC CIC
SYNC RCF
NOTE:
IN THE SLAVE MODE WITH SINGLE CHANNEL OPERATION, THE WIDTH
OF THE SYNC_NCO SHOULD BE ONE SAMPLE CLOCK CYCLE. IN DUAL
CHANNEL MODE, THE PULSEWIDTH SHOULD BE TWO SAMPLE CLOCK
CYCLES. IF A PULSE LONGER THAN SPECIFIED IS USED, THE NCO WILL
BE INHIBITED AND NOT INCREMENT PROPERLY.
Figure 6. SYNC Slave Timing Requirements
CLK
tCHP
tCPL
tCS
tCH
IN[15:0]
E[2:0]
A/B
N+1
N
tCLK
Figure 7. SYNC Master Delay
tRESL
RESET
Figure 8. Reset Timing Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com