Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6620ASZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD6620ASZ
Description  67 MSPS Digital Receive Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6620ASZ Datasheet(HTML) 3 Page - Analog Devices

  AD6620ASZ Datasheet HTML 1Page - Analog Devices AD6620ASZ Datasheet HTML 2Page - Analog Devices AD6620ASZ Datasheet HTML 3Page - Analog Devices AD6620ASZ Datasheet HTML 4Page - Analog Devices AD6620ASZ Datasheet HTML 5Page - Analog Devices AD6620ASZ Datasheet HTML 6Page - Analog Devices AD6620ASZ Datasheet HTML 7Page - Analog Devices AD6620ASZ Datasheet HTML 8Page - Analog Devices AD6620ASZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
AD6620
–3–
REV. A
Following CIC2 is the second fixed-coefficient decimating filter.
This filter, CIC5, further reduces the sample rate by a program-
mable ratio from 1 to 32. The data rate out of CIC5, fSAMP5, is
determined by the decimation factors of MCIC5 and MCIC2.
Each CIC stage is a FIR filter whose response is defined by the
decimation rate. The purpose of these filters is to reduce the
data rate of the incoming signal so that the final filter stage, a FIR
RAM coefficient sum-of-products filter (RCF), can calculate
more taps per output. As shown in Figure 1, on-chip multiplex-
ers allow both CIC filters to be bypassed if a multirate clock
is used.
The fourth stage is a sum-of-products FIR filter with program-
mable 20-bit coefficients, and decimation rates programmable
from 1 to 32. The RAM Coefficient FIR Filter (RCF in Figure
1) can handle a maximum of 256 taps.
The overall filter response for the AD6620 is the composite of
all three cascaded decimating filters: CIC2, CIC5, and RCF. Each
successive filter stage is capable of narrower transition band-
widths but requires a greater number of CLK cycles to calculate
the output. More decimation in the first filter stage will minimize
overall power consumption. Data comes out via a parallel port
or a serial interface.
Figure 2 illustrates the basic function of the AD6620: to select
and filter a single channel from a wide input spectrum. The
frequency translator “tunes” the desired carrier to baseband.
CIC2 and CIC5 have fixed order responses; the RCF filter
provides the sharp transitions. More detail is provided in later
sections of the data sheet.
–fS/2
–3fS/8
–5fS/16
–fS/4
–3fS/16
–fS/8
–fS/16
DC
fS/16
fS/8
3fS/16
fS/4
5fS/16
fS/2
3fS/8
SIGNAL OF
INTEREST
SIGNAL OF INTEREST "IMAGE"
WIDEBAND INPUT SPECTRUM
(–fsamp/2 TO fsamp/2)
D'
C'
B'
A'
A
C
B
D
Figure 2a. Wideband Input Spectrum (e.g., 30 MHz from High-Speed ADC)
–fS/2
–3fS/8
–5fS/16
–fS/4
–3fS/16
–fS/8
–fS /16
DC
fS/16
fS/8
3fS/16
fS/4
5fS/16
fS/2
3fS/8
AFTER FREQUENCY TRANSLATION
NCO "TUNES" SIGNAL TO BASEBAND
A
B
C
D
D'
C'
B'
A'
Figure 2b. Frequency Translation (e.g., Single 1 MHz Channel Tuned to Baseband)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
CIC2, CIC5, AND RCF
FREQUENCY
Figure 2c. Baseband Signal is Decimated and Filtered by CIC2, CIC5, RCF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com