Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3404MPMS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3404MPMS8
Description  1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3404MPMS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3404MPMS8 Datasheet HTML 3Page - Linear Technology LTC3404MPMS8 Datasheet HTML 4Page - Linear Technology LTC3404MPMS8 Datasheet HTML 5Page - Linear Technology LTC3404MPMS8 Datasheet HTML 6Page - Linear Technology LTC3404MPMS8 Datasheet HTML 7Page - Linear Technology LTC3404MPMS8 Datasheet HTML 8Page - Linear Technology LTC3404MPMS8 Datasheet HTML 9Page - Linear Technology LTC3404MPMS8 Datasheet HTML 10Page - Linear Technology LTC3404MPMS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC3404
3404fb
+
–
+
–
+
–
+
–
OVDET
EA
IRCMP
+
–
ICOMP
8
7
3
1
RUN
PLL LPF
VCO
X
Y
Y = “0” ONLY WHEN X IS A CONSTANT “1”
BURST
DEFEAT
SLOPE
COMP
OSC
SYNC/MODE
0.6V
FREQ
SHIFT
VREF
0.8V
0.85V
gm = 0.5m
0.8V REF
SHUTDOWN
0.55V
0.8V
SLEEP
VIN
VIN
VIN
VIN
ITH
SLEEP
VFB
EN
BURST
VIN
2
S
R
RS LATCH
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
ANTI-
SHOOT-
THRU
Q
Q
6
Ω
6
SW
5
GND
3404 BD
4
P-CH
P-CH
N-CH
FU CTIO AL DIAGRA
OPERATIO
Main Control Loop
The LTC3404 uses a constant frequency, current mode
step-down architecture. Both the main (P-channel MOS-
FET) and synchronous (N-channel MOSFET) switches are
internal. During normal operation, the internal top power
MOSFET is turned on each clock cycle when the oscillator
sets the RS latch, and turned off when the current com-
parator, ICOMP, resets the RS latch. The peak inductor
current at which ICOMP resets the RS latch is controlled by
the voltage on the ITH pin, which is the output of error
amplifier EA. The VFB pin, described in the Pin Functions
section, allows EA to receive an output feedback voltage
from an external resistive divider. When the load current
increases, it causes a slight decrease in the feedback
voltage, VFB, relative to the 0.8V internal reference, which
in turn, causes the ITH voltage to increase until the average
inductor current matches the new load current. While the
top MOSFET is off, the bottom MOSFET is turned on until
either the inductor current starts to reverse as indicated by
the current reversal comparator IRCMP, or the beginning of
the next clock cycle.
Comparator OVDET guards against transient overshoots
>6.25% by turning the main switch off and keeping it off
until the fault is removed.
Burst Mode Operation
The LTC3404 is capable of Burst Mode operation in which
the internal power MOSFETs operate intermittently based
on load demand. To enable Burst Mode operation, simply
tie the SYNC/MODE pin to VIN or connect it to a logic high
(VSYNC/MODE> 1.5V). To disable Burst Mode operation and
enable PWM pulse skipping mode, connect the SYNC/
MODE pin to GND. In this mode, the efficiency is lower at
light loads, but becomes comparable to Burst Mode
operation when the output load exceeds 50mA. The ad-
vantage of pulse skipping mode is lower output ripple and
less interference to audio circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com