Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3404MPMS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3404MPMS8
Description  1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3404MPMS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3404MPMS8 Datasheet HTML 4Page - Linear Technology LTC3404MPMS8 Datasheet HTML 5Page - Linear Technology LTC3404MPMS8 Datasheet HTML 6Page - Linear Technology LTC3404MPMS8 Datasheet HTML 7Page - Linear Technology LTC3404MPMS8 Datasheet HTML 8Page - Linear Technology LTC3404MPMS8 Datasheet HTML 9Page - Linear Technology LTC3404MPMS8 Datasheet HTML 10Page - Linear Technology LTC3404MPMS8 Datasheet HTML 11Page - Linear Technology LTC3404MPMS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC3404
3404fb
Figure 1. Maximum Output Current vs Input Voltage
SUPPLY VOLTAGE (V)
2.5
1200
1000
800
600
400
200
0
3.5
4.5
5.5
6.5
3404 • F01
7.5
L = 4.7
μH
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.5V
OPERATIO
When the converter is in Burst Mode operation, the peak
current of the inductor is set to approximately 250mA,
even though the voltage at the ITH pin indicates a lower
value. The voltage at the ITH pin drops when the inductor’s
average current is greater than the load requirement. As
the ITH voltage drops below approximately 0.55V, the
BURST comparator trips, causing the internal sleep line to
go high and forces off both power MOSFETs. The ITH pin
is then disconnected from the output of the EA amplifier
and held a diode voltage (0.7V) above ground.
In sleep mode, both power MOSFETs are held off and a
majority of the internal circuitry is partially turned off,
reducing the quiescent current to 10
μA. The load current
is now being supplied solely from the output capacitor.
When the output voltage drops, the ITH pin reconnects to
the output of the EA amplifier and the top MOSFET is again
turned on and this process repeats.
Short-Circuit Protection
When the output is shorted to ground, the frequency of the
oscillator is reduced to about 200kHz, 1/7 the nominal
frequency. This frequency foldback ensures that the
inductor current has ample time to decay, thereby prevent-
ing runaway. The oscillator’s frequency will progressively
increase to 1.4MHz (or the synchronized frequency) when
VFB rises above 0.3V.
Frequency Synchronization
A phase-locked loop (PLL) is available on the LTC3404 to
allow the internal oscillator to be synchronized to an
external source connected to the SYNC/MODE pin. The
output of the phase detector at the PLL LPF pin operates
over a 0V to 2.4V range corresponding to 1MHz to 1.7MHz.
When locked, the PLL aligns the turn-on of the top MOS-
FET to the rising edge of the synchronizing signal.
When the LTC3404 is clocked by an external source, Burst
Mode operation is disabled; the LTC3404 then operates in
PWM pulse skipping mode. In this mode, when the output
load is very low, current comparator ICOMP may remain
tripped for several cycles and force the main switch to stay
off for the same number of cycles. Increasing the output
load slightly allows constant frequency PWM operation to
resume. This mode exhibits low output ripple as well as
low audio noise and reduced RF interference while provid-
ing reasonable low current efficiency.
Frequency synchronization is inhibited when the feedback
voltage VFB is below 0.6V. This prevents the external clock
from interfering with the frequency foldback for short-
circuit protection.
Dropout Operation
When the input supply voltage decreases toward the
output voltage, the duty cycle increases toward the maxi-
mum on-time. Further reduction of the supply voltage
forces the main switch to remain on for more than one
cycle until it reaches 100% duty cycle. The output voltage
will then be determined by the input voltage minus the
voltage drop across the internal P-channel MOSFET and
the inductor.
Low Supply Operation
The LTC3404 is designed to operate down to an input
supply voltage of 2.65V although the maximum allowable
output current is reduced at this low voltage. Figure 1
shows the reduction in the maximum output current as a
function of input voltage for various output voltages.
Another important detail to remember is that at low input
supply voltages, the RDS(ON) of the P-channel switch
increases. Therefore, the user should calculate the power
dissipation when the LTC3404 is used at 100% duty cycle
with a low input voltage (see Thermal Considerations in
the Applications Information section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com