Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3404MPMS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3404MPMS8
Description  1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3404MPMS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3404MPMS8 Datasheet HTML 8Page - Linear Technology LTC3404MPMS8 Datasheet HTML 9Page - Linear Technology LTC3404MPMS8 Datasheet HTML 10Page - Linear Technology LTC3404MPMS8 Datasheet HTML 11Page - Linear Technology LTC3404MPMS8 Datasheet HTML 12Page - Linear Technology LTC3404MPMS8 Datasheet HTML 13Page - Linear Technology LTC3404MPMS8 Datasheet HTML 14Page - Linear Technology LTC3404MPMS8 Datasheet HTML 15Page - Linear Technology LTC3404MPMS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC3404
3404fb
LOAD CURRENT (mA)
0.1
1
0.00001
0.001
1
10
100
1000
3404 F06
0.0001
0.01
0.1
VOUT = 1.5V
VOUT = 2.5V
VOUT = 3.3V
VIN = 4.2V
L = 4.7
μH
Burst Mode OPERATION
Figure 6. Power Lost vs Load Current
APPLICATIO S I FOR ATIO
very low load currents can be misleading since the actual
power lost is of no consequence as illustrated in Figure 6.
1. The VIN quiescent current is due to two components:
the DC bias current as given in the electrical character-
istics and the internal main switch and synchronous
switch gate charge currents. The gate charge current
results from switching the gate capacitance of the
internal power MOSFET switches. Each time the gate is
switched from high to low to high again, a packet of
charge dQ moves from VIN to ground. The resulting
dQ/dt is the current out of VINthat is typically larger than
the DC bias current. In continuous mode, IGATECHG =
f(QT + QB) where QT and QB are the gate charges of the
internal top and bottom switches. Both the DC bias and
gate charge losses are proportional to VIN and thus
their effects will be more pronounced at higher supply
voltages.
2. I2R losses are calculated from the resistances of the
internal switches, RSW, and external inductor RL. In
continuous mode the average output current flowing
through inductor L is “chopped” between the main
switch and the synchronous switch. Thus, the series
resistance looking into the SW pin is a function of both
top and bottom MOSFET RDS(ON) and the duty cycle
(DC) as follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
The RDS(ON) for both the top and bottom MOSFETs can
be obtained from the Typical Performance Charateristics
curves. Thus, to obtain I2R losses, simply add RSW to
RL and multiply the result by the square of the average
output current.
Other losses including CIN and COUT ESR dissipative
losses and inductor core losses generally account for less
than 2% total additional loss.
Thermal Considerations
In most applications the LTC3404 does not dissipate
much heat due to its high efficiency. But, in applications
where the LTC3404 is running at high ambient tempera-
ture with low supply voltage and high duty cycles, such
as in dropout, the heat dissipated may exceed the maxi-
mum junction temperature of the part. If the junction
temperature reaches approximately 175
°C, both power
switches will be turned off and the SW node will become
high impedance.
To avoid the LTC3404 from exceeding the maximum
junction temperature, the user will need to do some
thermal analysis. The goal of the thermal analysis is to
determine whether the power dissipated exceeds the
maximum junction temperature of the part. The tempera-
ture rise is given by:
TR = (PD)(θJA)
where PD is the power dissipated by the regulator and qJA
is the thermal resistance from the junction of the die to the
ambient temperature.
The junction temperature, TJ, is given by:
TJ = TA + TR
where TA is the ambient temperature.
As an example, consider the LTC3404 in dropout at an
input voltage of 3V, a load current of 500mA, and an
ambient temperature of 70
°C. From the typical perfor-
mance graph of switch resistance, the RDS(ON) of the
P-channel switch at 70
°C is approximately 0.7Ω. There-
fore, power dissipated by the part is:
PD = ILOAD2 • RDS(ON) = 0.175W
For the MSOP package, the
θJA is 150°C/W. Thus, the
junction temperature of the regulator is:
TJ = 70°C + (0.175)(150) = 96°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com