Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3404MPMS8 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3404MPMS8
Description  1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3404MPMS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3404MPMS8 Datasheet HTML 8Page - Linear Technology LTC3404MPMS8 Datasheet HTML 9Page - Linear Technology LTC3404MPMS8 Datasheet HTML 10Page - Linear Technology LTC3404MPMS8 Datasheet HTML 11Page - Linear Technology LTC3404MPMS8 Datasheet HTML 12Page - Linear Technology LTC3404MPMS8 Datasheet HTML 13Page - Linear Technology LTC3404MPMS8 Datasheet HTML 14Page - Linear Technology LTC3404MPMS8 Datasheet HTML 15Page - Linear Technology LTC3404MPMS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC3404
3404fb
Figure 8. Single Lithium-Ion to 2.5V/0.3A Regulator from Design Example
VOUT
2.5V
*
**
***
47pF
10
μF***
CER
6.2
μH*
887k
22
μF**
CER
412k
LTC3404
RUN
ITH
VFB
GND
8
7
6
5
1
2
3
4
PLL LPF
SYNC/MODE
VIN
SW
VIN
2.65V
TO 4.2V
TOKO D63LCB A920CY-6R2M
TAIYO-YUDEN CERAMIC JMK325BJ226MM
TAIYO-YUDEN CERAMIC LMK325BJ106MN
3404 F08a
20pF
TYPICAL APPLICATIO S
VOUT
2.5V
0.6A
CIN***
10
μF
CER
20pF
887k
COUT**
22
μF
CER
*
**
***
47pF
4.7
μH*
LTC3404
RUN
ITH
VFB
GND
8
7
6
5
1
2
3
4
PLL LPF
SYNC/MODE
VIN
SW
VIN
3V TO 4.2V
TOKO D52LC A914BYW-4R7M
TAIYO-YUDEN CERAMIC JMK325BJ226MM
TAIYO-YUDEN CERAMIC LMK325BJ106MN
3404 TA03
412k
Single Li-Ion to 2.5V/0.6A Regulator
Using All Ceramic Capacitors
OUTPUT CURRENT (mA)
95
90
85
80
75
70
0.1
10
100
1000
3404 F8b
1.0
VOUT = 2.5V
L = 6.2
μH
VIN = 3V
VIN = 4.2V
VIN = 3.6V
APPLICATIO S I FOR ATIO
Substituting VOUT = 2.5V, VIN = 4.2V, ΔIL=120mA and
f = 1.4MHz in equation (3) gives:
L
V
MHz
mA
V
V
H
=
−
⎛
⎝⎜
⎞
⎠⎟
= μ
25
1 4
120
1
25
42
6
.
.(
)
.
.
A 6.2
μH inductor works well for this application. For best
efficiency choose a 1A inductor with less than 0.25
Ω
series resistance.
CIN will require an RMS current rating of at least 0.15A at
temperature and COUT will require an ESR of less than
0.25
Ω. In most applications, the requirements for these
capacitors are fairly similar.
For the feedback resistors, choose R1 = 412k. R2 can
then be calculated from equation (2) to be:
R
V
R
k use
OUT
2
08
1
1 875 5
8
=
−
⎛
⎝⎜
⎞
⎠⎟
=
.
.
;
87k
Figure 8 shows the complete circuit along with its effi-
ciency curve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com