Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3404MPMS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3404MPMS8
Description  1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3404MPMS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3404MPMS8 Datasheet HTML 5Page - Linear Technology LTC3404MPMS8 Datasheet HTML 6Page - Linear Technology LTC3404MPMS8 Datasheet HTML 7Page - Linear Technology LTC3404MPMS8 Datasheet HTML 8Page - Linear Technology LTC3404MPMS8 Datasheet HTML 9Page - Linear Technology LTC3404MPMS8 Datasheet HTML 10Page - Linear Technology LTC3404MPMS8 Datasheet HTML 11Page - Linear Technology LTC3404MPMS8 Datasheet HTML 12Page - Linear Technology LTC3404MPMS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC3404
3404fb
Figure 2. Maximum Inductor Peak Current vs Duty Cycle
DUTY CYCLE (%)
0
1100
1000
900
800
700
600
80
3404 F02
20
40
60
100
VIN = 3.3V
OPERATIO
APPLICATIO S I FOR ATIO
Slope Compensation and Inductor Peak Current
Slope compensation provides stability in constant fre-
quency architectures by preventing subharmonic oscilla-
tions at high duty cycles. It is accomplished internally by
adding a compensating ramp to the inductor current
signal at duty cycles in excess of 40%. As a result, the
maximum inductor peak current is reduced for duty cycles
> 40%. This is shown in the decrease of the inductor peak
current as a function of duty cycle graph in Figure 2.
The basic LTC3404 application circuit is shown on the first
page. External component selection is driven by the load
requirement and begins with the selection of L followed by
CIN and COUT.
Inductor Value Calculation
The inductor selection will depend on the operating fre-
quency of the LTC3404. The internal nominal frequency is
1.4MHz, but can be externally synchronized from 1MHz to
1.7MHz.
The operating frequency and inductor selection are inter-
related in that higher operating frequencies allow the use
of smaller inductor and capacitor values. However, oper-
ating at a higher frequency generally results in lower
efficiency because of increased internal gate charge losses.
The inductor value has a direct effect on ripple current. The
ripple current
ΔIL decreases with higher inductance or
frequency and increases with higher VIN or VOUT.
Δ = ()( )
−
⎛
⎝⎜
⎞
⎠⎟
I
fL
V
V
V
L
OUT
OUT
IN
1
1
(1)
Accepting larger values of
ΔIL allows the use of smaller
inductors, but results in higher output voltage ripple and
greater core losses. A reasonable starting point for setting
ripple current is
ΔIL = 0.4(IMAX).
The inductor value also has an effect on Burst Mode
operation. The transition to low current operation begins
when the inductor current peaks fall to approximately
250mA. Lower inductor values (higher
ΔIL) will cause this
to occur at lower load currents, which can cause a dip in
efficiency in the upper range of low current operation. In
Burst Mode operation, lower inductance values will cause
the burst frequency to increase.
Inductor Core Selection
Once the value for L is known, the type of inductor must be
selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron cores,
forcing the use of more expensive ferrite, molypermalloy,
or Kool M
μ® cores. Actual core loss is independent of core
size for a fixed inductor value, but it is very dependent on
inductance selected. As inductance increases, core losses
go down. Unfortunately, increased inductance requires
more turns of wire and therefore copper losses will
increase.
Ferrite designs have very low core losses and are pre-
ferred at high switching frequencies, so design goals can
concentrate on copper loss and preventing saturation.
Ferrite core material saturates “hard,” which means that
inductance collapses abruptly when the peak design cur-
rent is exceeded. This results in an abrupt increase in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com