Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3404MPMS8 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC3404MPMS8
Description  1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3404MPMS8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC3404MPMS8 Datasheet HTML 8Page - Linear Technology LTC3404MPMS8 Datasheet HTML 9Page - Linear Technology LTC3404MPMS8 Datasheet HTML 10Page - Linear Technology LTC3404MPMS8 Datasheet HTML 11Page - Linear Technology LTC3404MPMS8 Datasheet HTML 12Page - Linear Technology LTC3404MPMS8 Datasheet HTML 13Page - Linear Technology LTC3404MPMS8 Datasheet HTML 14Page - Linear Technology LTC3404MPMS8 Datasheet HTML 15Page - Linear Technology LTC3404MPMS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
LTC3404
3404fb
TYPICAL APPLICATIO S
VOUT
2.5V
0.3A
CIN***
10
μF
CER
20pF
887k
COUT**
22
μF
CER
47pF
6.2
μH*
LTC3404
RUN
ITH
VFB
GND
8
7
6
5
1
2
3
4
PLL LPF
SYNC/MODE
VIN
SW
VIN
2.65V TO 6V
3404 TA06
412k
*
**
***
TOKO D63LCB A920CY-6R2M
TAIYO-YUDEN CERAMIC JMK325BJ226MM
TAIYO-YUDEN CERAMIC LMK325BJ106MN
Low Noise 2.5V/0.3A Regulator
VOUT
2.5V
0.6A
CIN***
10
μF
CER
20pF
EXT CLOCK
1.7MHz
887k
COUT**
22
μF
CER
47pF
4.7
μH*
10k
0.01
μF
LTC3404
RUN
ITH
VFB
GND
8
7
6
5
1
2
3
4
PLL LPF
SYNC/MODE
VIN
SW
VIN
3V TO 6V
3404 TA04
412k
*
**
***
TOKO D52LC A914BYW-4R7M
TAIYO-YUDEN CERAMIC JMK325BJ226MM
TAIYO-YUDEN CERAMIC LMK325BJ106MN
Externally Synchronized 2.5V/0.6A Regulator Using All Ceramic Capacitors
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
MS8 Package
8-Lead Plastic MSOP
(LTC DWG # 05-08-1660 Rev F)
PACKAGE DESCRIPTIO
VOUT
1.8V
0.5A
CIN***
10
μF
CER
20pF
887k
COUT**
22
μF
CER
47pF
4.7
μH*
LTC3404
RUN
ITH
VFB
GND
8
7
6
5
1
2
3
4
PLL LPF
SYNC/MODE
VIN
SW
VIN
2.7V TO 6V
3404 TA04
698k
*
**
***
TOKO D52LC A914BYW-4R7M
TAIYO-YUDEN CERAMIC JMK325BJ226MM
TAIYO-YUDEN CERAMIC LMK325BJ106MN
3- to 4-Cell NiCd/NiMH to 1.8V/0.5A Regulator Using All Ceramic Capacitors
MSOP (MS8) 0307 REV F
0.53
± 0.152
(.021
± .006)
SEATING
PLANE
NOTE:
1. DIMENSIONS IN MILLIMETER/(INCH)
2. DRAWING NOT TO SCALE
3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
0.18
(.007)
0.254
(.010)
1.10
(.043)
MAX
0.22 – 0.38
(.009 – .015)
TYP
0.1016
± 0.0508
(.004
± .002)
0.86
(.034)
REF
0.65
(.0256)
BSC
0
° – 6° TYP
DETAIL “A”
DETAIL “A”
GAUGE PLANE
12
3
4
4.90
± 0.152
(.193
± .006)
8
7 6 5
3.00
± 0.102
(.118
± .004)
(NOTE 3)
3.00
± 0.102
(.118
± .004)
(NOTE 4)
0.52
(.0205)
REF
5.23
(.206)
MIN
3.20 – 3.45
(.126 – .136)
0.889
± 0.127
(.035
± .005)
RECOMMENDED SOLDER PAD LAYOUT
0.42
± 0.038
(.0165
± .0015)
TYP
0.65
(.0256)
BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com