Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3404MPMS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3404MPMS8
Description  1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3404MPMS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3404MPMS8 Datasheet HTML 7Page - Linear Technology LTC3404MPMS8 Datasheet HTML 8Page - Linear Technology LTC3404MPMS8 Datasheet HTML 9Page - Linear Technology LTC3404MPMS8 Datasheet HTML 10Page - Linear Technology LTC3404MPMS8 Datasheet HTML 11Page - Linear Technology LTC3404MPMS8 Datasheet HTML 12Page - Linear Technology LTC3404MPMS8 Datasheet HTML 13Page - Linear Technology LTC3404MPMS8 Datasheet HTML 14Page - Linear Technology LTC3404MPMS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC3404
3404fb
APPLICATIO S I FOR ATIO
Figure 5. Phase-Locked Loop Block Diagram
SYNC/
MODE
PHASE
DETECTOR
DIGITAL
PHASE/
FREQUENCY
DETECTOR
2.4V
RLP
CLP
VCO
3404 F05
PLL LPF
Figure 4. Relationship Between Oscillator
Frequency and Voltage at PLL LPF Pin
VPPL LPF (V)
0.4
1.6
3404 • F04
0.8
1.2
2.0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.6
1.0
1.4
1.8
Phase-Locked Loop and Frequency Synchronization
The LTC3404 has an internal voltage-controlled oscillator
and phase detector comprising a phase-locked loop. This
allows the top MOSFET turn-on to be locked to the rising
edge of an external frequency source. The frequency range
of the voltage-controlled oscillator is 1MHz to 1.7MHz. The
phase detector used is an edge sensitive digital type that
provides zero degrees phase shift between the
external and internal oscillators. This type of phase detec-
tor will not lock up on input frequencies close to the har-
monics of the VCO center frequency. The PLL hold-in range
ΔfH is equal to the capture range, ΔfH = ΔfC = 300kHz and
–400kHz.
The output of the phase detector is a pair of complemen-
tary current sources charging or discharging the external
filter network on the PLL LPF pin. The relationship
between the voltage on the PLL LPF pin and operating
frequency is shown in Figure 4. A simplified block diagram
is shown in Figure 5.
If the external frequency (VSYNC/MODE) is greater than
1.4MHz, the center frequency, current is sourced
continuously, pulling up the PLL LPF pin. When the
external frequency is less than 1.4MHz, current is sunk
continuously, pulling down the PLL LPF pin. If the
external and internal frequencies are the same but exhibit
a phase difference, the current sources turn on for an
amount of time corresponding to the phase difference.
Thus the voltage on the PLL LPF pin is adjusted until the
phase and frequency of the external and internal oscilla-
tors are identical. At this stable operating point the phase
comparator output is high impedance and the filter
capacitor CLP holds the voltage.
The loop filter components CLP and RLP smooth out the
current pulses from the phase detector and provide a
stable input to the voltage controlled oscillator. The filter
component’s CLP and RLP determine how fast the loop
acquires lock. Typically RLP = 10k and CLP is 2200pF to
0.01
μF. When not synchronized to an external clock, the
internal connection to the VCO is disconnected. This
disallows setting the internal oscillator frequency by a DC
voltage on the VPLL LPF pin.
Efficiency Considerations
The efficiency of a switching regulator is equal to the
output power divided by the input power times 100%. It is
often useful to analyze individual losses to determine what
is limiting the efficiency and which change would produce
the most improvement. Efficiency can be expressed as:
Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percentage
of input power.
Although all dissipative elements in the circuit produce
losses, two main sources usually account for most of the
losses in LTC3404 circuits: VIN quiescent current and I2R
losses. The VIN quiescent current loss dominates the
efficiency loss at very low load currents whereas the I2R
loss dominates the efficiency loss at medium to high load
currents. In a typical efficiency plot, the efficiency curve at



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com