Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB2012T2R2M Datasheet(PDF) 8 Page - Linear Technology

Part # CB2012T2R2M
Description  2.25MHz, 300mA Synchronous Step-Down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

CB2012T2R2M Datasheet(HTML) 8 Page - Linear Technology

Back Button CB2012T2R2M Datasheet HTML 4Page - Linear Technology CB2012T2R2M Datasheet HTML 5Page - Linear Technology CB2012T2R2M Datasheet HTML 6Page - Linear Technology CB2012T2R2M Datasheet HTML 7Page - Linear Technology CB2012T2R2M Datasheet HTML 8Page - Linear Technology CB2012T2R2M Datasheet HTML 9Page - Linear Technology CB2012T2R2M Datasheet HTML 10Page - Linear Technology CB2012T2R2M Datasheet HTML 11Page - Linear Technology CB2012T2R2M Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC3410
3410fb
The basic LTC3410 application circuit is shown in Figure 1.
External component selection is driven by the load require-
ment and begins with the selection of L followed by CIN and
COUT.
Inductor Selection
For most applications, the value of the inductor will fall in
the range of 2.2
µH to 4.7µH. Its value is chosen based on
the desired ripple current. Large value inductors lower
ripple current and small value inductors result in higher
ripple currents. Higher VIN or VOUT also increases the ripple
current as shown in equation 1. A reasonable starting point
for setting ripple current is
∆IL = 120mA (40% of 300mA).
∆ = ()( )
−
⎛
⎝⎜
⎞
⎠⎟
I
fL
V
V
V
L
OUT
OUT
IN
1
11
()
The DC current rating of the inductor should be at least
equal to the maximum load current plus half the ripple
current to prevent core saturation. Thus, a 360mA rated
inductor should be enough for most applications (300mA
+ 60mA). For better efficiency, choose a low DC-resistance
inductor.
The inductor value also has an effect on Burst Mode
operation. The transition to low current operation begins
when the inductor current peaks fall to approximately
100mA. Lower inductor values (higher
∆IL) will cause this
to occur at lower load currents, which can cause a dip in
efficiency in the upper range of low current operation. In
Burst Mode operation, lower inductance values will cause
the burst frequency to increase.
APPLICATIO S I FOR ATIO
Inductor Core Selection
Different core materials and shapes will change the size/
current and price/current relationship of an inductor. Tor-
oid or shielded pot cores in ferrite or permalloy materials
are small and don’t radiate much energy, but generally cost
more than powdered iron core inductors with similar
electrical characteristics. The choice of which style induc-
tor to use often depends more on the price vs size require-
ments and any radiated field/EMI requirements than on
what the LTC3410 requires to operate. Table 1 shows some
typical surface mount inductors that work well in
LTC3410 applications.
Table 1. Representative Surface Mount Inductors
MAX DC
MANUFACTURER PART NUMBER
VALUE CURRENT DCR HEIGHT
Taiyo Yuden
CB2016T2R2M
2.2
µH 510mA 0.13Ω 1.6mm
CB2012T2R2M
2.2
µH 530mA 0.33Ω 1.25mm
LBC2016T3R3M
3.3
µH 410mA 0.27Ω 1.6mm
Panasonic
ELT5KT4R7M
4.7
µH 950mA 0.2Ω 1.2mm
Sumida
CDRH2D18/LD
4.7
µH 630mA 0.086Ω 2mm
Murata
LQH32CN4R7M23 4.7
µH 450mA 0.2Ω 2mm
Taiyo Yuden
NR30102R2M
2.2
µH 1100mA 0.1Ω 1mm
NR30104R7M
4.7
µH 750mA 0.19Ω 1mm
FDK
FDKMIPF2520D
4.7
µH 1100mA 0.11Ω 1mm
FDKMIPF2520D
3.3
µH 1200mA 0.1Ω 1mm
FDKMIPF2520D
2.2
µH 1300mA 0.08Ω 1mm
CIN and COUT Selection
In continuous mode, the source current of the top MOSFET
is a square wave of duty cycle VOUT/VIN. To prevent large
voltage transients, a low ESR input capacitor sized for the
maximum RMS current must be used. The maximum
RMS capacitor current is given by:
C
required I
I
VV
V
V
IN
RMS
OMAX
OUT
IN
OUT
IN
≅
−
()
[]12/
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst-case condition is com-
monly used for design because even significant deviations
do not offer much relief. Note that the capacitor
manufacturer’s ripple current ratings are often based on
VIN
CIN
4.7
µF
CER
VIN
2.7V
TO 5.5V
LTC3410
RUN
4.7
µH
10pF
232k
464k
3410 F01
SW
VFB
GND
COUT
4.7
µF
CER
VOUT
1.2V
Figure 1. High Efficiency Step-Down Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com