Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB2012T2R2M Datasheet(PDF) 5 Page - Linear Technology

Part # CB2012T2R2M
Description  2.25MHz, 300mA Synchronous Step-Down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

CB2012T2R2M Datasheet(HTML) 5 Page - Linear Technology

  CB2012T2R2M Datasheet HTML 1Page - Linear Technology CB2012T2R2M Datasheet HTML 2Page - Linear Technology CB2012T2R2M Datasheet HTML 3Page - Linear Technology CB2012T2R2M Datasheet HTML 4Page - Linear Technology CB2012T2R2M Datasheet HTML 5Page - Linear Technology CB2012T2R2M Datasheet HTML 6Page - Linear Technology CB2012T2R2M Datasheet HTML 7Page - Linear Technology CB2012T2R2M Datasheet HTML 8Page - Linear Technology CB2012T2R2M Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC3410
3410fb
200
µs/DIV
RUN
2V/DIV
VOUT
1V/DIV
IL
200mA/DIV
3410 G19
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0A
TYPICAL PERFOR A CE CHARACTERISTICS
(From Figure 1 Except for the Resistive Divider Resistor Values)
Start-Up from Shutdown
Load Step
Load Step
200
µs/DIV
RUN
2V/DIV
IL
200mA/DIV
VOUT
1V/DIV
3410 G16
VIN = 3.6V
VOUT = 1.8V
ILOAD = 300mA
10
µs/DIV
VOUT
100mV/DIV
AC COUPLED
IL
200mA/DIV
ILOAD
200mA/DIV
3410 G17
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0mA TO 300mA
10
µs/DIV
VOUT
100mV/DIV
AC COUPLED
IL
200mA/DIV
ILOAD
200mA/DIV
3410 G18
VIN = 3.6V
VOUT = 1.8V
ILOAD = 20mA TO 300mA
2
µs/DIV
SW
5V/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 10mA
IL
100mA/DIV
VOUT
50mV/DIV
AC COUPLED
3410 G15
Switch Leakage vs Input Voltage
INPUT VOLTAGE (V)
0
200
500
550
600
2
4
5
3410 G14
100
400
300
150
450
50
0
350
250
1
3
6
MAIN
SWITCH
SYNCHRONOUS
SWITCH
Burst Mode Operation
Start-Up from Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com