Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB2012T2R2M Datasheet(PDF) 16 Page - Linear Technology

Part # CB2012T2R2M
Description  2.25MHz, 300mA Synchronous Step-Down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

CB2012T2R2M Datasheet(HTML) 16 Page - Linear Technology

Back Button CB2012T2R2M Datasheet HTML 8Page - Linear Technology CB2012T2R2M Datasheet HTML 9Page - Linear Technology CB2012T2R2M Datasheet HTML 10Page - Linear Technology CB2012T2R2M Datasheet HTML 11Page - Linear Technology CB2012T2R2M Datasheet HTML 12Page - Linear Technology CB2012T2R2M Datasheet HTML 13Page - Linear Technology CB2012T2R2M Datasheet HTML 14Page - Linear Technology CB2012T2R2M Datasheet HTML 15Page - Linear Technology CB2012T2R2M Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC3410
3410fb
PART NUMBER
DESCRIPTION
COMMENTS
LT1616
500mA (IOUT), 1.4MHz, High Efficiency Step-Down
90% Efficiency, VIN = 3.6V to 25V, VOUT = 1.25V, IQ = 1.9mA,
DC/DC Converter
ISD = <1µA, ThinSOT Package
LT1676
450mA (IOUT), 100kHz, High Efficiency Step-Down
90% Efficiency, VIN = 7.4V to 60V, VOUT = 1.24V, IQ = 3.2mA,
DC/DC Converter
ISD = 2.5µA, S8 Package
LT1776
500mA (IOUT), 200kHz, High Efficiency Step-Down
90% Efficiency, VIN = 7.4V to 40V, VOUT = 1.24V, IQ = 3.2mA,
DC/DC Converter
ISD = 30µA, N8, S8 Packages
LTC1877
600mA (IOUT), 550kHz, Synchronous Step-Down
95% Efficiency, VIN = 2.7V to 10V, VOUT = 0.8V, IQ = 10µA,
DC/DC Converter
ISD = <1µA, MS8 Package
LTC1878
600mA (IOUT), 550kHz, Synchronous Step-Down
95% Efficiency, VIN = 2.7V to 6V, VOUT = 0.8V, IQ = 10µA,
DC/DC Converter
ISD = <1µA, MS8 Package
LTC1879
1.2A (IOUT), 550kHz, Synchronous Step-Down
95% Efficiency, VIN = 2.7V to 10V, VOUT = 0.8V, IQ = 15µA,
DC/DC Converter
ISD = <1µA, TSSOP-16 Package
LTC3403
600mA (IOUT), 1.5MHz, Synchronous Step-Down
96% Efficiency, VIN = 2.5V to 5.5V, VOUT = Dynamically Adjustable,
DC/DC Converter with Bypass Transistor
IQ = 20µA, ISD = <1µA, DFN Package
LTC3404
600mA (IOUT), 1.4MHz, Synchronous Step-Down
95% Efficiency, VIN = 2.7V to 6V, VOUT = 0.8V, IQ = 10µA,
DC/DC Converter
ISD = <1µA, MS8 Package
LTC3405/LTC3405A
300mA (IOUT), 1.5MHz, Synchronous Step-Down
96% Efficiency, VIN = 2.5V to 5.5V, VOUT = 0.8V, IQ = 20µA,
DC/DC Converter
ISD = <1µA, ThinSOT Package
LTC3406
600mA (IOUT), 1.5MHz, Synchronous Step-Down
96% Efficiency, VIN = 2.5V to 5.5V, VOUT = 0.6V, IQ = 20µA,
DC/DC Converter
ISD = <1µA, ThinSOT Package
LTC3409
600mA (IOUT), 1.5MHz/2.25MHz, Synchronous
95% Efficiency, VIN = 1.6V to 5.5V, VOUT = 0.613V, IQ = 65µA,
Step-Down DC/DC Converter
DD8 Package
LTC3410B
300mA (IOUT), 2.25MHz, Synchronous Step-Down
96% Efficiency, VIN = 2.5V to 3.5V, VOUT(MIN) = 0.8V, IQ = 200µA,
DC/DC Converter with Burst Disabled
ISD = <1µA, SC70 Package
LTC3411
1.25A (IOUT), 4MHz, Synchronous Step-Down
95% Efficiency, VIN = 2.5V to 5.5V, VOUT = 0.8V, IQ = 60µA,
DC/DC Converter
ISD = <1µA, MS Package
LTC3412
2.5A (IOUT), 4MHz, Synchronous Step-Down
95% Efficiency, VIN = 2.5V to 5.5V, VOUT = 0.8V, IQ = 60µA,
DC/DC Converter
ISD = <1µA, TSSOP-16E Package
LTC3440
600mA (IOUT), 2MHz, Synchronous Buck-Boost
95% Efficiency, VIN = 2.5V to 5.5V, VOUT = 2.5V, IQ = 25µA,
DC/DC Converter
ISD = <1µA, MS Package
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LT 0806 REV B • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2005
TYPICAL APPLICATIO
RELATED PARTS
VIN
CIN
†
4.7
µF
VIN
2.7V
TO 4.2V
LTC3410
RUN
3
4.7
µH*
10pF
402k
464k
3410 TA02
6
4
1
2, 5
SW
VFB
GND
COUT
†
4.7
µF
VOUT
1.5V
† TAIYO YUDEN JMK212BJ475
*FDK MIPF2520D
ILOAD (mA)
0.1
0
10
20
30
40
50
60
70
80
90
100
10
100
1
1000
3410 TA03
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
Efficiency
VOUT
100mV/DIV
AC COUPLED
IL
200mA/DIV
ILOAD
200mA/DIV
20
µs/DIV
3410 TA04
VIN = 3.6V
VOUT = 1.5V
ILOAD = 100mA TO 300mA
Load Step
Using Low Profile Components, <1mm Height



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com