Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB2012T2R2M Datasheet(PDF) 12 Page - Linear Technology

Part # CB2012T2R2M
Description  2.25MHz, 300mA Synchronous Step-Down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

CB2012T2R2M Datasheet(HTML) 12 Page - Linear Technology

Back Button CB2012T2R2M Datasheet HTML 8Page - Linear Technology CB2012T2R2M Datasheet HTML 9Page - Linear Technology CB2012T2R2M Datasheet HTML 10Page - Linear Technology CB2012T2R2M Datasheet HTML 11Page - Linear Technology CB2012T2R2M Datasheet HTML 12Page - Linear Technology CB2012T2R2M Datasheet HTML 13Page - Linear Technology CB2012T2R2M Datasheet HTML 14Page - Linear Technology CB2012T2R2M Datasheet HTML 15Page - Linear Technology CB2012T2R2M Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC3410
3410fb
APPLICATIO S I FOR ATIO
Figure 4a. LTC3410 Layout Diagram
Figure 5a. LTC3410 Suggested Layout
RUN
LTC3410
GND
SW
L1
R2
R1
CFWD
BOLD LINES INDICATE HIGH CURRENT PATHS
VIN
VOUT
3410 F04a
4
6
5
1
3
+
–
2
VFB
VIN
CIN
COUT
RUN
LTC3410-1.875
GND
SW
L1
BOLD LINES INDICATE HIGH CURRENT PATHS
VIN
VOUT
3410 F04b
4
6
5
1
3
+
–
2
VOUT
VIN
CIN
COUT
2. Does the VFB pin connect directly to the feedback
resistors? The resistive divider R1/R2 must be con-
nected between the (+) plate of COUT and ground.
3. Does the (+) plate of CIN connect to VIN as closely as
possible? This capacitor provides the AC current to the
internal power MOSFETs.
4. Keep the (–) plates of CIN and COUT as close as possible.
5. Keep the switching node, SW, away from the sensitive
VFB node.
Figure 4b. LTC3410-1.875 Layout Diagram
LTC3410
GND
3410 F05a
PIN 1
VOUT
VIN
VIA TO VOUT
SW
VIA TO VIN
VIA TO GND
COUT
CIN
L1
R2
CFWD
R1
LTC3410-
1.875
3410 F05b
PIN 1
VOUT
VIN
SW
VIA TO VIN
COUT
CIN
L1
Figure 5b. LTC3410 Fixed Output Voltage
Suggested Layout
Design Example
As a design example, assume the LTC3410 is used in a
single lithium-ion battery-powered cellular phone
application. The VIN will be operating from a maximum of
4.2V down to about 2.7V. The load current requirement
is a maximum of 0.3A but most of the time it will be in
standby mode, requiring only 2mA. Efficiency at both low
and high load currents is important. Output voltage is
3V. With this information we can calculate L using
Equation (1),
L
fI
V
V
V
L
OUT
OUT
IN
= () ∆()
−
⎛
⎝⎜
⎞
⎠⎟
1
13
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com