Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB2012T2R2M Datasheet(PDF) 10 Page - Linear Technology

Part # CB2012T2R2M
Description  2.25MHz, 300mA Synchronous Step-Down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

CB2012T2R2M Datasheet(HTML) 10 Page - Linear Technology

Back Button CB2012T2R2M Datasheet HTML 6Page - Linear Technology CB2012T2R2M Datasheet HTML 7Page - Linear Technology CB2012T2R2M Datasheet HTML 8Page - Linear Technology CB2012T2R2M Datasheet HTML 9Page - Linear Technology CB2012T2R2M Datasheet HTML 10Page - Linear Technology CB2012T2R2M Datasheet HTML 11Page - Linear Technology CB2012T2R2M Datasheet HTML 12Page - Linear Technology CB2012T2R2M Datasheet HTML 13Page - Linear Technology CB2012T2R2M Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC3410
3410fb
APPLICATIO S I FOR ATIO
where L1, L2, etc. are the individual losses as a percentage
of input power.
Although all dissipative elements in the circuit produce
losses, two main sources usually account for most of the
losses in LTC3410 circuits: VIN quiescent current and I2R
losses. The VIN quiescent current loss dominates the
efficiency loss at very low load currents whereas the I2R
loss dominates the efficiency loss at medium to high load
currents. In a typical efficiency plot, the efficiency curve at
very low load currents can be misleading since the actual
power lost is of no consequence as illustrated in Figure 3.
1. The VIN quiescent current is due to two components:
the DC bias current as given in the electrical character-
istics and the internal main switch and synchronous
switch gate charge currents. The gate charge current
results from switching the gate capacitance of the
internal power MOSFET switches. Each time the gate is
switched from high to low to high again, a packet of
charge, dQ, moves from VIN to ground. The resulting
dQ/dt is the current out of VINthat is typically larger than
the DC bias current. In continuous mode,
IGATECHG = f(QT + QB) where QT and QB are the
gate charges of the internal top and bottom
switches. Both the DC bias and gate charge
losses are proportional to VIN and thus their effects will
be more pronounced at higher supply voltages.
2. I2R losses are calculated from the resistances of the
internal switches, RSW, and external inductor RL. In
continuous mode, the average output current flowing
through inductor L is “chopped” between the main
switch and the synchronous switch. Thus, the series
resistance looking into the SW pin is a function of both
top and bottom MOSFET RDS(ON) and the duty cycle
(DC) as follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
The RDS(ON) for both the top and bottom MOSFETs can
be obtained from the Typical Performance Charateristics
curves. Thus, to obtain I2R losses, simply add RSW to
RL and multiply the result by the square of the average
output current.
Other losses including CIN and COUT ESR dissipative
losses and inductor core losses generally account for less
than 2% total additional loss.
Thermal Considerations
In most applications the LTC3410 does not dissipate
much heat due to its high efficiency. But, in applications
where the LTC3410 is running at high ambient
temperature with low supply voltage and high duty
cycles, such as in dropout, the heat dissipated may
exceed the maximum junction temperature of the part. If
Figure 3. Power Loss vs Load Current
LOAD CURRENT (mA)
0.1
1
0.00001
0.001
1
10
100
1000
3410 F03
0.0001
0.01
0.1
VIN = 3.6V
VOUT = 3.3V
VOUT = 1.8V
VOUT = 1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com