Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB2012T2R2M Datasheet(PDF) 6 Page - Linear Technology

Part # CB2012T2R2M
Description  2.25MHz, 300mA Synchronous Step-Down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

CB2012T2R2M Datasheet(HTML) 6 Page - Linear Technology

Back Button CB2012T2R2M Datasheet HTML 2Page - Linear Technology CB2012T2R2M Datasheet HTML 3Page - Linear Technology CB2012T2R2M Datasheet HTML 4Page - Linear Technology CB2012T2R2M Datasheet HTML 5Page - Linear Technology CB2012T2R2M Datasheet HTML 6Page - Linear Technology CB2012T2R2M Datasheet HTML 7Page - Linear Technology CB2012T2R2M Datasheet HTML 8Page - Linear Technology CB2012T2R2M Datasheet HTML 9Page - Linear Technology CB2012T2R2M Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC3410
3410fb
PI FU CTIO S
RUN (Pin 1): Run Control Input. Forcing this pin above
1.5V enables the part. Forcing this pin below 0.3V shuts
down the device. In shutdown, all functions are disabled
drawing <1
µA supply current. Do not leave RUN floating.
GND (Pins 2, 5): Ground Pin.
SW (Pin 3): Switch Node Connection to Inductor. This pin
connects to the drains of the internal main and synchro-
nous power MOSFET switches.
VIN (Pin 4): Main Supply Pin. Must be closely decoupled
to GND, Pin 2, with a 2.2
µF or greater ceramic capacitor.
VFB (Pin 6 Adjustable Version ): Feedback Pin. Receives
the feedback voltage from an external resistive divider
across the output.
VOUT (Pin 6 Fixed Voltage Versions): Output Voltage
Feedback Pin. An internal resistive divider divides the
output voltage down for comparison to the internal refer-
ence voltage.
FU CTIO AL DIAGRA
+
–
+
–
EA
IRCMP
+
–
ICOMP
6
1
RUN
OSC
SLOPE
COMP
OSC
FREQ
SHIFT
0.8V
R1*
R2
240k
0.8V REF
SHUTDOWN
0.4V
0.65V
SLEEP
VIN
VFB/VOUT
EN
BURST
VIN
S
R
RS LATCH
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
ANTI-
SHOOT-
THRU
Q
Q
5
Ω
4
SW
3
5
GND
3410 BD
2
*R1 = 240k
– 1
VOUT
0.8
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com