Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB2012T2R2M Datasheet(PDF) 1 Page - Linear Technology

Part # CB2012T2R2M
Description  2.25MHz, 300mA Synchronous Step-Down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

CB2012T2R2M Datasheet(HTML) 1 Page - Linear Technology

  CB2012T2R2M Datasheet HTML 1Page - Linear Technology CB2012T2R2M Datasheet HTML 2Page - Linear Technology CB2012T2R2M Datasheet HTML 3Page - Linear Technology CB2012T2R2M Datasheet HTML 4Page - Linear Technology CB2012T2R2M Datasheet HTML 5Page - Linear Technology CB2012T2R2M Datasheet HTML 6Page - Linear Technology CB2012T2R2M Datasheet HTML 7Page - Linear Technology CB2012T2R2M Datasheet HTML 8Page - Linear Technology CB2012T2R2M Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC3410
3410fb
OUTPUT CURRENT (mA)
0.1
0
10
20
30
40
50
60
70
80
90
100
1
0.1
0.01
0.001
0.0001
10
100
1
1000
3410 TA01b
EFFICIENCY
POWER LOSS
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
■ High Efficiency: Up to 96%
■ Low Ripple (20mVP-P) Burst Mode Operation: IQ 26µA
■ Low Output Voltage Ripple
■ 300mA Output Current at VIN = 3V
■ 380mA Minimum Peak Switch Current
■ 2.5V to 5.5V Input Voltage Range
■ 2.25MHz Constant Frequency Operation
■ No Schottky Diode Required
■ Low Dropout Operation: 100% Duty Cycle
■ Stable with Ceramic Capacitors
■ 0.8V Reference Allows Low Output Voltages
■ Shutdown Mode Draws < 1
µA Supply Current
■
±2% Output Voltage Accuracy
■ Current Mode Operation for Excellent Line and
Load Transient Response
■ Overtemperature Protected
■ Available in Low Profile SC70 Package
The LTC
®3410 is a high efficiency monolithic synchro-
nous buck regulator using a constant frequency, current
mode architecture. The device is available in adjustable
and fixed output voltage versions. Supply current during
operation is only 26
µA, dropping to <1µA in shutdown.
The 2.5V to 5.5V input voltage range makes the LTC3410
ideally suited for single Li-Ion battery-powered applica-
tions. 100% duty cycle provides low dropout operation,
extending battery life in portable systems.
Switching frequency is internally set at 2.25MHz, allowing
the use of small surface mount inductors and capacitors.
The LTC3410 is specifically designed to work well with
ceramic output capacitors, achieving very low output
voltage ripple and a small PCB footprint.
The internal synchronous switch increases efficiency and
eliminates the need for an external Schottky diode. Low
output voltages are easily supported with the 0.8V feed-
back reference voltage. The LTC3410 is available in a tiny,
low profile SC70 package.
■ Cellular Telephones
■
Wireless and DSL Modems
■
Digital Cameras
■
MP3 Players
■
Portable Instruments
2.25MHz, 300mA
Synchronous Step-Down
Regulator in SC70
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
Efficiency and Power Loss
vs Output Current
VIN
CIN
4.7
µF
CER
VIN
2.7V
TO 5.5V
LTC3410
RUN
4.7
µH
10pF
887k
412k
3410 TA01a
SW
VFB
GND
COUT
4.7
µF
CER
VOUT
2.5V
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All
other trademarks are the property of their respective owners. Protected by U.S. Patents,
including 5481178, 6580258, 6304066, 6127815, 6498466, 6611131, 5994885.


Similar Part No. - CB2012T2R2M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CB2012T2R2M ETC1-CB2012T2R2M Datasheet
781Kb / 16P
WOUND CHIP INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
CB2012T2R2M TAIYO-YUDEN-CB2012T2R2M Datasheet
2Mb / 47P
WOUND CHIP INDUCTORS
logo
Linear Integrated Syste...
CB2012T2R2M LINEAR-CB2012T2R2M Datasheet
278Kb / 16P
Dual Monolithic 300mA Synchronous Step-Down Regulaor
logo
Taiyo Yuden (U.S.A.), I...
CB2012T2R2M TAIYO-YUDEN-CB2012T2R2M Datasheet
289Kb / 3P
Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T2R2M TAIYO-YUDEN-CB2012T2R2M Datasheet
361Kb / 3P
Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
More results

Similar Description - CB2012T2R2M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3410-1.875 LINER-LTC3410-1.875 Datasheet
232Kb / 16P
2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410 LINER-LTC3410 Datasheet
331Kb / 16P
2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410B LINER-LTC3410B Datasheet
290Kb / 16P
2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3544 LINER-LTC3544 Datasheet
290Kb / 16P
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544B LINER-LTC3544B Datasheet
269Kb / 16P
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
Linear Integrated Syste...
LTC3542EDC LINEAR-LTC3542EDC Datasheet
199Kb / 16P
500mA, 2.25MHz Synchronous Step-Down
logo
Linear Technology
LTC3410 LINER-LTC3410_15 Datasheet
337Kb / 16P
2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410-1.875 LINER-LTC3410-1.875_15 Datasheet
238Kb / 16P
2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410B LINER-LTC3410B_15 Datasheet
295Kb / 16P
2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com