Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8346 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8346
Description  0.8 GHz to 2.5 GHz Quadrature Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8346 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8346 Datasheet HTML 3Page - Analog Devices AD8346 Datasheet HTML 4Page - Analog Devices AD8346 Datasheet HTML 5Page - Analog Devices AD8346 Datasheet HTML 6Page - Analog Devices AD8346 Datasheet HTML 7Page - Analog Devices AD8346 Datasheet HTML 8Page - Analog Devices AD8346 Datasheet HTML 9Page - Analog Devices AD8346 Datasheet HTML 10Page - Analog Devices AD8346 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8346
Rev. A | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
LO FREQUENCY (MHz)
–6
–7
–8
–9
–10
–11
–12
–13
–14
–15
1200
1600
2000
2400
800
1400
1800
2200
1000
T = 25°C
VP = 5.5V
VP = 5V
VP = 2.7V
VP = 3V
Figure 7. Single Sideband (SSB) Output Power (POUT) vs. LO Frequency (FLO).
I and Q inputs driven in quadrature at baseband frequency
(FBB) = 100 kHz with differential amplitude of 2.00 V p-p.
–6
–7
–8
–9
–10
–11
–12
–13
LO = 1900MHz, –10dBm
LO = 800MHz, –10dBm
LO = 1900MHz, –6dBm
LO = 800MHz, –6dBm
TEMPERATURE (°C)
–40
–20
0
2030
40
5060
7080
–30
–10
10
Figure 8. SSB POUT vs. Temperature. I and Q inputs driven in quadrature
with differential amplitude of 2.00 V p-p at FBB = 100 kHz.
TEMPERATURE (°C)
–35
–40
–20
0
20
30
405060
70
80
–37
–39
–41
–43
–45
–47
–49
–51
–30
–10
10
VP = 5V
VP = 5.5V
VP = 3V
VP = 2.7V
Figure 9. Carrier Feedthrough vs. Temperature.
FLO = 1900 MHz, LO input level = –10 dBm.
BASEBAND FREQUENCY (MHz)
2
0.1
1
100
10
1
0
–1
–2
–3
–4
–5
–6
–7
–8
Figure 10. I and Q Input Bandwidth. FLO =1900 MHz, I or Q inputs
driven with differential amplitude of 2.00 V p-p.
LO FREQUENCY (MHz)
2
800
0
–2
–4
–6
–8
–10
–12
1000
–14
1200
1400
1600
1800
2000
2200
2400
VP = 2.7V
T = –40°C
VP = 2.7V
T = +85°C
VP = 5V
T = –40°C
VP = 5V
T = +85°C
Figure 11. SSB Output 1 dB Compression Point (OP 1 dB) vs. FLO.
I and Q inputs driven in quadrature at FBB = 100 kHz.
CARRIER FEEDTHROUGH (dBm/
AFTER NULLING TO <–60dBm @ 25°C)
30
–90
25
20
15
10
5
–86
0
–82–78–74–70–66–62–58–54–50–46
T = +85°C
T = –40°C
Figure 12. Histogram Showing Carrier Feedthrough Distributions
at the Temperature Extremes after Nulling at Ambient
at FLO = 1900 MHz, LO Input Level = –10 dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com