Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8346 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8346
Description  0.8 GHz to 2.5 GHz Quadrature Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8346 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8346 Datasheet HTML 12Page - Analog Devices AD8346 Datasheet HTML 13Page - Analog Devices AD8346 Datasheet HTML 14Page - Analog Devices AD8346 Datasheet HTML 15Page - Analog Devices AD8346 Datasheet HTML 16Page - Analog Devices AD8346 Datasheet HTML 17Page - Analog Devices AD8346 Datasheet HTML 18Page - Analog Devices AD8346 Datasheet HTML 19Page - Analog Devices AD8346 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD8346
Rev. A | Page 17 of 20
CDMA SETUP
For evaluating the AD8346 with CDMA waveforms, the setup
shown in Figure 35 was used. This is essentially the same setup
as that used for the single sideband characterization, except that
the AFG2020 was replaced with the AWG2021 for providing the
I and Q input signals, and the spectrum analyzer used to monitor
the output was changed to an FSEA30 Rohde & Schwarz analyzer
with vector demodulation capability. The I/Q input signals for
these measurements were IS95 baseband signals generated with
Tektronix I/Q SIM software and downloaded to the AWG2021.
For measuring ACPR, the I/Q input signals used were generated
with Pilot (Walsh Code 00), Sync (WC 32), Paging (WC 01),
and 6 Traffic (WC 08, 09, 10, 11, 12, 13) channels active. The
I/Q SIM software was set for 32× oversampling and was using a
BS equifilter. Figure 36 shows the typical output spectrum for
this configuration. The ACPR was measured 885 kHz away
from the carrier frequency.
For performing EVM, Rho, phase, and amplitude balance
measurements, the I/Q input signals used were generated with
only the pilot channel (Walsh Code 00) active. The I/Q SIM
software was set for 32× oversampling using a CDMA equifilter.
VPS1
VN
GND
VP
AD8346
MOTHERBOARD
I IN
Q IN
D1
D2
D3
P1
IN
IP
QP
QN
IEEE
34901
34907 34907
D1
D2
D3
HP34970A
AD8346
EVAL BOARD
P1
IN
IP
QP
QN
LO
ENBL
VOUT
RFOUT
IEEE
HP8648C
+15V MAX
COM
+25V MAX
–25V MAX
IEEE
HP3631
IEEE
PC CONTROLLER
FSEA30
RF I/P
IEEE
SPECTRUM
ANALYZER
OUTPUT 1
OUTPUT 2
IEEE
TEKAFG2020
ARB FUNC. GEN
Figure 35. Evaluation Board CDMA Test Setup
–20
CENTER 1.9GHz
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
187.5kHz/
SPAN 1.875MHz
CH PWR = –20.7dBm
ACP UPR = –71.8dBc
ACP LWR = –71.7dBc
Figure 36. Typical CDMA Output Spectrum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com