Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8346 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8346
Description  0.8 GHz to 2.5 GHz Quadrature Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8346 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8346 Datasheet HTML 9Page - Analog Devices AD8346 Datasheet HTML 10Page - Analog Devices AD8346 Datasheet HTML 11Page - Analog Devices AD8346 Datasheet HTML 12Page - Analog Devices AD8346 Datasheet HTML 13Page - Analog Devices AD8346 Datasheet HTML 14Page - Analog Devices AD8346 Datasheet HTML 15Page - Analog Devices AD8346 Datasheet HTML 16Page - Analog Devices AD8346 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8346
Rev. A | Page 13 of 20
AC-COUPLED INTERFACE
An ac-coupled interface can also be implemented, as shown in
Figure 29. This is an advantage because there is almost no
voltage loss due to the biasing network, allowing the AD8346
inputs to be driven by the full 2 V p-p differential signal from
the AD9761 (each of the DAC’s 4 outputs delivering 1 V p-p).
As in the dc-coupled case, the bias levels on the I and Q inputs
should be set to as precise a level as possible, relative to each
other. This prevents the introduction of additional input offset
voltages. In Figure 29, the bias level on each input is set to
approximately 1.2 V. The 2.43 kΩ resistors should have a ratio
tolerance of 0.1% or better.
The network shown has a high-pass corner frequency of
approximately 14.3 kHz (note that the 12 kΩ input impedance
of the AD8346 has been factored into this calculation).
Increasing the resistors in the network or increasing the
coupling capacitance reduces the corner frequency further.
Note that the LO suppression can be manually optimized by
replacing a portion of the four top 2.43 kΩ resistors with
potentiometers. In this case, the bottom four resistors in the
biasing network no longer need to be precision devices.
2
×
LATCH
I
IOUTB
IOUTA
2
×
LATCH
Q
QOUTB
QOUTA
MUX
CONTROL
SELECT
WRITE
CLOCK
AD9761
DVDD
DCOM
AVDD
0.1
μF
RSET
2k
Ω
SLEEP
FS ADJ
REFIO
DAC
DATA
INPUTS
CFILTER
100
Ω
100
Ω
CFILTER
100
Ω
100
Ω
0.1
μF
1k
Ω
5V
PHASE
SPLITTER
Σ
VOUT
IBBP
IBBN
QBBP
QBBN
AD8346
LOIP
LOIN
VPS1
VPS2
1V p-p EACH PIN
WITH VCM = 1.2V
5V
0.01
μF
0.01
μF
0.01
μF
0.01
μF
I
DAC
2.43k
Ω
2.43k
Ω
2.43k
Ω
2.43k
Ω
2.43k
Ω
2.43k
Ω
2.43k
Ω
2.43k
Ω
Q
DAC
Figure 29. AC-Coupled DAC Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com