Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8346 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8346
Description  0.8 GHz to 2.5 GHz Quadrature Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8346 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8346 Datasheet HTML 8Page - Analog Devices AD8346 Datasheet HTML 9Page - Analog Devices AD8346 Datasheet HTML 10Page - Analog Devices AD8346 Datasheet HTML 11Page - Analog Devices AD8346 Datasheet HTML 12Page - Analog Devices AD8346 Datasheet HTML 13Page - Analog Devices AD8346 Datasheet HTML 14Page - Analog Devices AD8346 Datasheet HTML 15Page - Analog Devices AD8346 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8346
Rev. A | Page 12 of 20
INTERFACE TO AD9761 TXDAC®
Figure 28 shows a dc-coupled current output DAC interface.
The use of dual-integrated DACs, such as the AD9761 with
specified ±0.02 dB and ±0.004 dB gain and offset matching
characteristics, ensures minimum error contribution (over
temperature) from this portion of the signal chain. The use of a
precision thin-film resistor network sets the bias levels precisely
to prevent the introduction of offset errors, which increase LO
feedthrough. For instance, selecting resistor networks with a
0.1% ratio matching characteristics maintains 0.03 dB gain and
offset matching performance.
Using resistive division, the dc bias level at the I and Q inputs
to the AD8346 is set to approximately 1.2 V. Each of the four
current outputs of the DAC delivers a full-scale current of
10 mA, giving a voltage swing of 0 V to 1 V (at the DAC
output). This results in a 0.5 V p-p swing at the I and Q inputs
of the AD8346 (resulting in a 1 V p-p differential swing).
Note that the ratio matching characteristics of the resistive
network, as opposed to its absolute accuracy, is critical in
preserving the gain and offset balance between the I and Q
signal path.
By applying small dc offsets to the I and Q signals from the
DAC, the LO suppression can be reduced from its nominal
value of −42 dBm to as low as −60 dBm while holding to
approximately −50 dBm over temperature (see Figure 12 for
a plot of LO feedthrough over temperature for an offset
compensated circuit).
I
DAC
2
×
LATCH
I
IOUTB
IOUTA
Q
DAC
2
×
LATCH
Q
QOUTB
QOUTA
MUX
CONTROL
SELECT
WRITE
CLOCK
AD9761
DVDD
DCOM
AVDD
0.1
μF
RSET
2k
Ω
SLEEP
FS ADJ
REFIO
DAC
DATA
INPUTS
CFILTER
100
Ω
100
Ω
CFILTER
100
Ω
100
Ω
500
Ω
500
Ω
500
Ω
500
Ω
500
Ω
500
Ω
500
Ω
500
Ω
0.1
μF
634
Ω
5V
PHASE
SPLITTER
Σ
VOUT
IBBP
IBBN
QBBP
QBBN
AD8346
LOIP
LOIN
VPS1
VPS2
0.5V p-p EACH PIN
WITH VCM = 1.2V
+5V
Figure 28. AD8346 Interface to AD9761 TxDAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com