Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8346 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8346
Description  0.8 GHz to 2.5 GHz Quadrature Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8346 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8346 Datasheet HTML 12Page - Analog Devices AD8346 Datasheet HTML 13Page - Analog Devices AD8346 Datasheet HTML 14Page - Analog Devices AD8346 Datasheet HTML 15Page - Analog Devices AD8346 Datasheet HTML 16Page - Analog Devices AD8346 Datasheet HTML 17Page - Analog Devices AD8346 Datasheet HTML 18Page - Analog Devices AD8346 Datasheet HTML 19Page - Analog Devices AD8346 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8346
Rev. A | Page 16 of 20
CHARACTERIZATION SETUPS
SSB SETUP
Two main setups were used to characterize this product. These
setups are shown in Figure 33 and Figure 35. Figure 33 shows
the setup used to evaluate the product as an SSB. The AD8346
motherboard had circuitry that converted the single-ended
I and Q inputs from the arbitrary function generator to differ-
ential inputs with a dc bias of approximately 1.2 V. In addition,
the motherboard also provided connections for power supply
routing. The HP34970A and its associated plug-in 34901 were
used to monitor power supply currents and voltages being
supplied to the AD8346 evaluation board (a full schematic of
the AD8346 evaluation board can be found in Figure 30).
The two HP34907 plug-ins were used to provide additional
miscellaneous dc and control signals to the motherboard. The
LO was driven by an RF signal generator (through the balun on
the evaluation board to present a differential LO signal to the
device) and the output was measured with a spectrum analyzer.
With the I channel driven with a sine wave and the Q channel
driven with a cosine wave, the lower sideband is the single
sideband output. The typical SSB output spectrum is shown in
Figure 34.
VPS1
VN
GND
VP
AD8346
MOTHERBOARD
I IN
Q IN
D1
D2
D3
P1
IN
IP
QP
QN
IEEE
34901
34907 34907
D1
D2
D3
HP34970A
AD8346
EVAL BOARD
P1
IN
IP
QP
QN
LO
ENBL
VOUT
RFOUT
IEEE
HP8648C
+15V MAX
COM
+25V MAX
–25V MAX
IEEE
HP3631
IEEE
PC CONTROLLER
HP8593E
RF I/P
CAL OUT
28VOLT
IEEE
SPECTRUM
ANALYZER
SWEEP OUT
OUTPUT 1
OUTPUT 2
IEEE
TEKAFG2020
ARB FUNC. GEN
Figure 33. Evaluation Board SSB Test Setup
0
CENTER 1.9GHz
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
50kHz/
SPAN 500kHz
Figure 34. Typical SSB Output Spectrum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com