Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8346 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8346
Description  0.8 GHz to 2.5 GHz Quadrature Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8346 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8346 Datasheet HTML 10Page - Analog Devices AD8346 Datasheet HTML 11Page - Analog Devices AD8346 Datasheet HTML 12Page - Analog Devices AD8346 Datasheet HTML 13Page - Analog Devices AD8346 Datasheet HTML 14Page - Analog Devices AD8346 Datasheet HTML 15Page - Analog Devices AD8346 Datasheet HTML 16Page - Analog Devices AD8346 Datasheet HTML 17Page - Analog Devices AD8346 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8346
Rev. A | Page 14 of 20
EVALUATION BOARD
The schematic of the AD8346 evaluation board is shown in
Figure 30. This is a 4-layer FR4 board; the two center layers are
used as ground planes and the top and bottom layers are used
for signal and power. Figure 31 shows the layout and Figure 32
shows the silkscreen. The evaluation board circuit closely
follows the basic connections circuit shown in Figure 27.
Slide SW1 to the A position to connect the ENBL pin to +VS
via the 10 kΩ pull-up resistor REP. Slide SW1 to the B position
to disable the device by grounding the ENOP pin through the
49.9 Ω pull-down resistor REG. The device may be enabled via
an external voltage applied to the SMA connector ENOP or TP2.
All connectors are of the SMA type. The I and Q inputs are
provided with pads for implementing a simple RC filter
network. The local oscillator input is driven through a balun
(M/A-COM Part Number ETC1-1-13).
C4
100pF
C3
0.01
μF
QP
QN
CLOP
100pF
CLON
100pF
LO
RLOP
OPEN
RLON
OPEN
RLOS
OPEN
1
2
3
4
5
6
7
8
16
15
14
13
12
10
9
11
IBBP
IBBN
COM1
COM1
LOIN
LOIP
VPS1
ENBL
QBBP
QBBN
COM4
COM4
VPS2
VOUT
COM3
COM2
TP2
ENOP
IP
IN
ENOP
CVO
100pF
VOUT
+VS
+VS
AD8346
RQP
0
Ω
CQP
OPEN
RQN
0
Ω
R2
0
Ω
CIP
OPEN
RIP
0
Ω
RIN
0
Ω
CIN
OPEN
C1
0.01
μF
C2
100pF
R7
0
Ω
T1
ETC1-1-13
1
2
3
5
4
RIS
OPEN
RQS
OPEN
CQN
OPEN
REG
49.9k
Ω
REP
10k
Ω
A
B
SW1
Figure 30. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com