Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8346 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8346
Description  0.8 GHz to 2.5 GHz Quadrature Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8346 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8346 Datasheet HTML 5Page - Analog Devices AD8346 Datasheet HTML 6Page - Analog Devices AD8346 Datasheet HTML 7Page - Analog Devices AD8346 Datasheet HTML 8Page - Analog Devices AD8346 Datasheet HTML 9Page - Analog Devices AD8346 Datasheet HTML 10Page - Analog Devices AD8346 Datasheet HTML 11Page - Analog Devices AD8346 Datasheet HTML 12Page - Analog Devices AD8346 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8346
Rev. A | Page 9 of 20
–30
–32
–34
–36
–38
–40
–42
–44
TEMPERATURE (°C)
–40
–20
0
2030
4050
6070
80
–30
–10
10
VP = 5V
VP = 2.7V
VP = 3V
VP = 5.5V
Figure 19. Sideband Suppression vs. Temperature.
FLO = 1900 MHz, I and Q inputs driven in quadrature
with differential amplitude of 2.00 V p-p at FBB = 100 kHz.
BASEBAND DIFFERENTIAL INPUT
VOLTAGE (V p-p)
–30
0.5
–35
–40
–45
–50
–55
1.0
1.5
2.0
2.5
3.0
–60
–65
–70
–75
–80
–6
–8
–10
–12
–14
–16
–18
–20
–22
SSB POUT
3RD HARMONIC
Figure 20. Third Harmonic Distortion and SSB Output
Power vs. Baseband Differential Input Voltage Level.
FLO = 1900 MHz, I and Q inputs driven in quadrature at FBB = 100 kHz.
FREQUENCY (MHz)
0
–5
–10
–15
–20
–25
–30
800
1200
1600
2000
–40
2400
–35
1400
1800
2200
1000
T = –40°C
T = +25°C
T = +85°C
Figure 21. Return Loss of VOUT Output vs. FLO.
VPOS = 2.7 V.
BASEBAND FREQUENCY (MHz)
–40
0
–45
–50
–55
–60
–65
2468
10
12
14
16
18
20
VP = 5V
VP = 5.5V
VP = 2.7V
VP = 3V
Figure 22. Third Harmonic Distortion vs. FBB.
FLO =1900 MHz, I and Q inputs driven in quadrature
with differential amplitude of 2.00 V p-p.
52
50
48
46
44
42
40
38
36
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
VP = 5V
VP = 2.7V
VP = 3V
VP = 5.5V
Figure 23. Power Supply Current vs. Temperature
FREQUENCY (MHz)
0
–5
–10
–15
–20
–25
–30
800
1200
1600
2000
–40
2400
–35
1400
1800
2200
1000
T = –40°C
T = +25°C
T = +85°C
Figure 24. Return Loss of VOUT Output vs. FLO.
VPOS = 5.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com