Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuC7023BCBZ62I-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADuC7023BCBZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7023BCBZ62I-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADuC7023BCBZ62I-R7 Datasheet HTML 29Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 30Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 31Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 32Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 33Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 34Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 35Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 36Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 96 page
background image
Data Sheet
ADuC7023
| Page 33 of 96
ADCGN Register
Name:
ADCGN
Address:
0xFFFF0530
Default value:
Factory configured
Access:
Read/write
Function:
ADCGN is a 10-bit gain calibration
register.
ADCOF Register
Name:
ADCOF
Address:
0xFFFF0534
Default value:
Factory configured
Access:
Read/write
Function:
ADCOF is a 10-bit offset calibration
register.
CONVERTER OPERATION
The ADC incorporates a successive approximation (SAR)
architecture involving a charge-sampled input stage. This
architecture can operate in two different modes: differential
and single-ended.
Differential Mode
The ADuC7023 contains a successive approximation ADC
based on two capacitive DACs. Figure 24 and Figure 25 show
simplified schematics of the ADC in acquisition and conversion
phase, respectively. The ADC is comprised of control logic, a
SAR, and two capacitive DACs. In Figure 24 (the acquisition
phase), SW3 is closed and SW1 and SW2 are in Position A. The
comparator is held in a balanced condition, and the sampling
capacitor arrays acquire the differential signal on the input.
CAPACITIVE
DAC
CAPACITIVE
DAC
CONTROL
LOGIC
COMPARATOR
SW3
SW1
A
A
B
B
SW2
CS
CS
VREF
ADC0
ADC11
MUX
CHANNEL+
CHANNEL–
Figure 24. ADC Acquisition Phase
CAPACITIVE
DAC
CAPACITIVE
DAC
CONTROL
LOGIC
COMPARATOR
SW3
SW1
A
A
B
B
SW2
CS
CS
VREF
ADC0
ADC11
MUX
CHANNEL+
CHANNEL–
Figure 25. ADC Conversion Phase
When the ADC starts a conversion, as shown in Figure 25,
SW3 opens, and then SW1 and SW2 move to Position B. This
causes the comparator to become unbalanced. Both inputs are
disconnected once the conversion begins. The control logic
and the charge redistribution DACs are used to add and
subtract fixed amounts of charge from the sampling capacitor
arrays to bring the comparator back into a balanced condition.
When the comparator is rebalanced, the conversion is complete.
The control logic generates the ADC output code. The output
impedances of the sources driving the VIN+ and VIN– pins must
be matched; otherwise, the two inputs have different settling
times, resulting in errors.
Single-Ended Mode
In single-ended mode, SW2 is always connected internally to
ground. The VIN− pin can be floating. The input signal range on
VIN+ is 0 V to VREF.
CAPACITIVE
DAC
CAPACITIVE
DAC
CONTROL
LOGIC
COMPARATOR
SW3
SW1
A
B
CS
CS
ADC0
ADC11
MUX
CHANNEL+
CHANNEL–
Figure 26. ADC in Single-Ended Mode
Analog Input Structure
Figure 27 shows the equivalent circuit of the analog input structure
of the ADC. The four diodes provide ESD protection for the analog
inputs. Care must be taken to ensure that the analog input signals
never exceed the supply rails by more than 300 mV; this causes
these diodes to become forward-biased and start conducting
into the substrate. These diodes can conduct up to 10 mA
without causing irreversible damage to the part.
Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com