| Electronic Components Datasheet Search |
|
ADuC7023BCBZ62I-R7 Datasheet(PDF) 53 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADuC7023BCBZ62I-R7 Datasheet(HTML) 53 Page - Analog Devices |
|
53 / 96 page ![]() Data Sheet ADuC7023 | Page 53 of 96 Bit GP0PAR GP1PAR GP2PAR 10 to 9 R (b00) R (b00) R (b00) 8 R/W R/W R/W 7 Reserved Reserved Reserved 6 to 5 R (b00) R (b00) Reserved 4 R/W R/W Reserved 3 Reserved Reserved Reserved 2 to 1 R (b00) R (b00) R (b00) 0 R/W R/W R (b0) 1 When P2.0 is configured as AIN12, the internal pull-up resistor cannot be disabled. GP0DAT Register Name Address Default Value Access GP0DAT 0xFFFFF420 0x000000XX R/W GP1DAT 0xFFFFF430 0x000000XX R/W GP2DAT 0xFFFFF440 0x000000XX R/W GPxDAT are Port x configuration and data registers. They configure the direction of the GPIO pins of Port x, set the output value for the pins configured as output, and store the input value of the pins configured as input. Table 60. GPxDAT MMR Bit Descriptions Bit Description 31 to 24 Direction of the data. This bit is set to 1 by the user to configure the GPIO pin as an output. This bit is cleared to 0 by the user to configure the GPIO pin as an input. 23 to 16 Port x data output. 15 to 8 Reflect the state of port x pins at reset (read only). 7 to 0 Port x data input (read only). GP0SET Register Name: GP0SET Address: 0xFFFFF424 Default value: 0x000000XX Access: Write Function: GP0SET is a data set Port x register. GP1SET Register Name: GP1SET Address: 0xFFFFF434 Default value: 0x000000XX Access: Write Function: GP1SET is a data set Port x register. GP2SET Register Name: GP2SET Address: 0xFFFFF444 Default value: 0x000000XX Access: Write Function: GP2SET is a data set Port x register. Table 61. GPxSET MMR Bit Descriptions Bit Description 31 to 24 Reserved. 23 to 16 Data port x. This bit is set to 1 by the user to set bit on Port x; this bit also sets the corresponding bit in the GPxDAT MMR. This bit is cleared to 0 by the user; this bit does not affect the data out. 15 to 0 Reserved. GP0CLR Registers Name: GP0CLR Address: 0xFFFFF428 Default value: 0x000000XX Access: Write Function: GP0CLR is a data clear Port x register. GP1CLR Registers Name: GP1CLR Address: 0xFFFFF438 Default value: 0x000000XX Access: Write Function: GP1CLR is a data clear Port x register. GP2CLR Registers Name: GP2CLR Address: 0xFFFFF448 Default value: 0x000000XX Access: Write Function: GP2CLR is a data clear Port x register. Rev. E |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |