Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuC7023BCBZ62I-R7 Datasheet(PDF) 59 Page - Analog Devices

Part # ADuC7023BCBZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7023BCBZ62I-R7 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADuC7023BCBZ62I-R7 Datasheet HTML 55Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 56Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 57Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 58Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 59Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 60Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 61Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 62Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 96 page
background image
Data Sheet
ADuC7023
| Page 59 of 96
I2C
The ADuC7023 incorporates two I2C peripherals that may be
configured as a fully I2C-compatible I2C bus master device or as
a fully I2C bus-compatible slave device.
The two pins used for data transfer, SDA and SCL, are configured
in a wire-AND format that allows arbitration in a multimaster
system. These pins require external pull-up resistors. Typical
pull-up values are between 4.7 kΩ and 10 kΩ.
The I2C bus peripheral address in the I2C bus system is pro-
grammed by the user. This ID can be modified any time a
transfer is not in progress. The user can configure the interface
to respond to four slave addresses.
The transfer sequence of an I2C system consists of a master
device initiating a transfer by generating a start condition while
the bus is idle. The master transmits the slave device address
and the direction of the data transfer (read or/write) during the
initial address transfer. If the master does not lose arbitration
and the slave acknowledges the data, transfer is initiated. This
continues until the master issues a stop condition and the bus
becomes idle.
The I2C peripheral can only be configured as a master or slave
at any given time. The same I2C channel cannot simultaneously
support master and slave modes.
The I2C interface on the ADuC7023 includes support for
repeated start conditions. In master mode, the ADuC7023 can
be programmed to generate a repeated start. In slave mode, the
ADuC7023 recognizes repeated start conditions. In master and
slave mode, the part recognizes both 7-bit and 10-bit bus addresses.
In I2C master mode, the ADuC7023 supports continuous reads
from a single slave up to 512 bytes in a single transfer sequence.
Clock stretching is supported in both master and slave modes.
In slave mode, the ADuC7023 can be programmed to return a
NACK. This allows the validation of checksum bytes at the end
of I2C transfers. Bus arbitration in master mode is supported.
Internal and external loopback modes are supported for I2C
hardware testing. In loopback mode. The transmit and receive
circuits in both master and slave mode contain 2-byte FIFOs.
Status bits are available to the user to control these FIFOs.
CONFIGURING EXTERNAL PINS FOR I2C
FUNCTIONALITY
The I2C pins of the ADuC7023 device are P0.4 and P0.5 for I2C0
and P0.6 and P0.7 for I2C1.
P0.4 and P0.6 are the I2C clock signals and P0.5 and P0.7 are the
I2C data signals. For instance, to configure I2C0 pins (SCL0,
SDA0), Bit 16 and Bit 20 of the GP0CON register must be set to
1 to enable I2C mode. On the other hand, to configure I2C1 pins
(SCL1, SDA1), Bit 25 and Bit 29 of the GP0CON register must
be set to 1 to enable I2C mode, as shown in the GPIO section.
I2C1 function is available at P0.6 and P0.7 on 32-lead and 36-
ball packages and available at P1.6 and P1.7 on 40-lead package.
SERIAL CLOCK GENERATION
The I2C master in the system generates the serial clock for a
transfer. The master channel can be configured to operate in
fast mode (400 kHz) or standard mode (100 kHz).
The bit rate is defined in the I2CDIV MMR as follows:
)
(2
)
2
(
DIVL
DIVH
+
+
+
=
UCLK
CLOCK
SERIAL
f
f
where:
fUCLK is the clock before the clock divider and the clock selected
by POWCON1 Bit 4 to Bit 0.
DIVH is the high period of the clock.
DIVL is the low period of the clock.
Thus, for 100 kHz operation,
DIVH = DIVL = 0xCF
and for 400 kHz,
DIVH = 0x28, DIVL = 0x3C
The I2CDIV register corresponds to DIVH:DIVL.
I2C BUS ADDRESSES
Slave Mode
In slave mode, the registers I2CxID0, I2CxID1, I2CxID2, and
I2CxID3 contain the device IDs. The device compares the four
I2CxIDx registers to the address byte received from the bus
master. To be correctly addressed, the 7MSBs of either ID
register must be identical to that of the 7MSBs of the first
received address byte. The LSB of the ID registers (the transfer
direction bit) is ignored in the process of address recognition.
The ADuC7023 also supports 10-bit addressing mode. When
Bit 1 of I2CxSCON (ADR10EN bit) is set to 1, then one 10-bit
address is supported in slave mode and is stored in registers
I2CxID0 and I2CxID1. The 10-bit address is derived as follows:
I2CxID0[0] is the read/write bit and is not part of the I2C
address.
I2CxID0[7:1] = Address Bits[6:0].
I2CxID1[2:0] = Address Bits[9:7].
I2CxID1[7:3] must be set to 11110b.
Master Mode
In master mode, the I2CxADR0 register is programmed with
the I2C address of the device.
In 7-bit address mode, I2CxADR0[7:1] are set to the device
address. I2CxADR0[0] is the read/write bit.
In 10-bit address mode, the 10-bit address is created as follows:
I2CxADR0[7:3] must be set to 11110b.
I2CxADR0[2:1] = Address Bits[9:8].
I2CxADR1[7:0] = Address Bits[7:0].
I2CxADR0[0] is the read/write bit.
Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com