Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuC7023BCBZ62I-R7 Datasheet(PDF) 62 Page - Analog Devices

Part # ADuC7023BCBZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7023BCBZ62I-R7 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADuC7023BCBZ62I-R7 Datasheet HTML 58Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 59Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 60Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 61Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 62Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 63Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 64Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 65Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 96 page
background image
ADuC7023
Data Sheet
| Page 62 of 96
I2C Master Receive Registers, I2CxMRX
Name:
I2C0MRX, I2C1MRX
Address:
0xFFFF0808, 0xFFFF0908
Default value: 0x00
Access:
Read only
Function:
These 8-bit MMRs are the I2C master receive
registers.
I2C Master Transmit Registers, I2CxMTX
Name:
I2C0MTX, I2C1MTX
Address:
0xFFFF080C 0xFFFF090C
Default value: 0x00, 0x00
Access:
Write only
Function:
These 8-bit MMRs are the I2C master transmit
registers
I2C Master Read Count Registers, I2CxMCNT0
Name:
I2C0MCNT0, I2C1MCNT0
Address:
0xFFFF0810, 0xFFFF0910
Default value: 0x0000, 0x0000
Access:
Read/write
Function:
These 16-bit MMRs hold the required number
of bytes when the master begins a read
sequence from a slave device.
Table 67. I2CxMCNT0 MMR Bit Descriptions: Address =
0xFFFF0810, 0xFFFF0910. Default Value = 0x0000
Bit
Name
Description
15 to 9
Reserved.
8
I2CRECNT
This bit is set if greater than 256 bytes are
required from the slave.
This bit is cleared when reading 256 bytes
or less.
7 to 0
I2CRCNT
These eight bits hold the number of bytes
required during a slave read sequence,
minus 1. If only a single byte is required,
these bits should be set to 0.
I2C Master Current Read Count Registers, I2CxMCNT1
Name:
I2C0MCNT1, I2C1MCNT1
Address:
0xFFFF0814, 0xFFFF0914
Default value: 0x00, 0x00
Access:
Read
Function:
These 8-bit MMRs hold the number of bytes
received thus far during a read sequence with a
slave device.
I2C Address 0 Registers, I2CxADR0
Name:
I2C0ADR0, I2C1ADR0
Address:
0xFFFF0818, 0xFFFF0918
Default value: 0x00
Access:
Read/write
Function:
These 8-bit MMRs hold the 7-bit slave address
and the read/write bit when the master begins
communicating with a slave.
Table 68. I2CxADR0 MMR in 7-Bit Address Mode: Address =
0xFFFF0818, 0xFFFF0918. Default Value = 0x00
Bit
Name
Description
7 to 1
I2CADR
These bits contain the 7-bit address of the
required slave device.
0
R/W
Bit 0 is the read/write bit.
When this bit = 1, a read sequence is
requested.
When this bit = 0, a write sequence is
requested.
Table 69. I2CxADR0 MMR in 10-Bit Address Mode
Bit
Name
Description
7 to 3
These bits must be set to [11110b] in 10-bit
address mode.
2 to 1
I2CMADR
These bits contain ADDR[9:8] in 10-bit
address mode.
0
R/W
Read/write bit.
When this bit = 1, a read sequence is
requested.
When this bit = 0, a write sequence is
requested.
Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com