Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuC7023BCBZ62I-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADuC7023BCBZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7023BCBZ62I-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADuC7023BCBZ62I-R7 Datasheet HTML 13Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 14Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 15Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 16Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 17Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 18Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 19Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 20Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 96 page
background image
Data Sheet
ADuC7023
| Page 17 of 96
Pin No.
40-
LFCSP
32-
LFCSP
36-
WLCSP
Mnemonic
Description
34
26
A3
P1.3/ADC5/IRQ3/PLAI[4]
General-Purpose Input and Output Port 1.3/ADC Single-Ended or
Differential Analog Input 5/External Interrupt Request 3/ Programmable
Logic Array Input Element 4.
By default, this pin is configured as a digital input with a weak pull-up
resistor enabled. When used as ADC input, the pull-up resistor should be
disabled manually.
33
25
A2
P1.2/ADC4/IRQ2/PLAI[3]/ECLK/
General-Purpose Input and Output Port 1.2/ADC Single-Ended or
Differential Analog Input 4/External Interrupt Request 2/ Programmable
Logic Array Input Element 3/Input-Output for External Clock.
By default, this pin is configured as a digital input with a weak pull-up
resistor enabled. When used as ADC input, the pull-up resistor should be
disabled manually.
14
12
F4
P1.1/SS/IRQ1/PWM1/PLAO[2]/T1
General-Purpose Input and Output Port 1.1/SPI Interface Slave Select
(Active Low)/External Interrupt Request 1/PWM Output 1/ Programmable
Logic Array Output Element 2/Timer 1 Input Clock. By default, this pin is
configured as a digital input with a weak pull-up resistor enabled.
13
11
E4
P1.0/SCLK/PWM0/PLAO[1]
General-Purpose Input and Output Port 1.0/SPI Interface Clock Signal/
PWM Output 0/Programmable Logic Array Output Element 1. By default,
this pin is configured as a digital input with a weak pull-up resistor
enabled.
35
27
B3
VREF
2.5 V Internal Voltage Reference. Must be connected to a 0.47 µF capacitor
when using the internal reference.
40
32
A6
AGND
Analog Ground. Ground reference point for the analog circuitry.
1
1
B6
AVDD
3.3 V Analog Power.
Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com