Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuC7023BCBZ62I-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADuC7023BCBZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7023BCBZ62I-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADuC7023BCBZ62I-R7 Datasheet HTML 9Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 10Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 11Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 12Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 13Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 14Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 15Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 16Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 96 page
background image
Data Sheet
ADuC7023
| Page 13 of 96
ABSOLUTE MAXIMUM RATINGS
AGND = GNDREF, TA = 25°C, unless otherwise noted.
Table 8.
1
These limits apply to the P0.0, P0.1, P0.2, P0.3, P0.4, P0.5, P0.6, P0.7, P1.0,
P1.1, P1.6, and P1.7 pins.
2
These limits apply to the P1.2, P1.3, P1.4, P1.5, P2.0, P2.2, P2.3, and P2.4 pins.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Only one absolute maximum rating can be applied at any one time.
ESD CAUTION
Parameter
Rating
AVDD to IOVDD
−0.3 V to +0.3 V
AGND to DGND
−0.3 V to +0.3 V
IOVDD to DGND, AVDD to AGND
−0.3 V to +6 V
Digital Input Voltage to DGND1
−0.3 V to +5.3 V
Digital Output Voltage to DGND1
−0.3 V to IOVDD + 0.3 V
Shared Analog/Digital Inputs to AGND2
−0.3 V to AVDD + 0.3 V
VREF to AGND
−0.3 V to AVDD + 0.3 V
Analog Inputs to AGND
−0.3 V to AVDD + 0.3 V
Analog Outputs to AGND
−0.3 V to AVDD + 0.3 V
Operating Temperature Range, Industrial
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
θJA Thermal Impedance
40-Lead LFCSP
26°C/W
32-Lead LFCSP
32.5°C/W
Peak Solder Reflow Temperature
SnPb Assemblies (10 sec to 30 sec)
240°C
RoHS Compliant Assemblies
(20 sec to 40 sec)
260°C
Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com