Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADuC7023BCBZ62I-R7 Datasheet(PDF) 65 Page - Analog Devices

Part # ADuC7023BCBZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7023BCBZ62I-R7 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADuC7023BCBZ62I-R7 Datasheet HTML 61Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 62Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 63Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 64Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 65Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 66Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 67Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 68Page - Analog Devices ADuC7023BCBZ62I-R7 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 96 page
background image
Data Sheet
ADuC7023
| Page 65 of 96
Table 73. I2CxSSTA MMR Bit Designations
Bit
Name
Description
15
Reserved bit.
14
I2CSTA
This bit is set to 1 if: A start condition followed by a matching address is detected. It is also set if a start
byte (0x01) is received. If general calls are enabled and a general call code of (0x00) is received.
This bit is cleared on receiving a stop condition.
13
I2CREPS
This bit is set to 1 if a repeated start condition is detected.
This bit is cleared on receiving a stop condition.
12 to 11
I2CID[1:0]
I2C address matching register. These bits indicate which I2CxIDx register matches the received address.
[00] = received address matches I2CxID0.
[01] = received address matches I2CxID1.
[10] = received address matches I2CxID2.
[11] = received address matches I2CxID3.
10
I2CSS
I2C stop condition after start detected bit.
This bit is set to 1 when a stop condition is detected after a previous start and matching address.
When the I2CSSENI bit in I2CxSCON is set, an interrupt is generated.
This bit is cleared by reading this register.
9 to 8
I2CGCID[1:0]
I2C general call ID bits.
[00] = no general call received.
[01] = general call reset and program address.
[10] = general program address.
[11] = general call matching alternative ID.
These bits are not cleared by a general call reset command.
These bits are cleared by writing a 1 to the I2CGCCLR bit in I2CxSCON.
7
I2CGC
I2C general call status bit.
This bit is set to 1 if the slave receives a general call command of any type. If the command received is a
reset command, then all registers return to their default state. If the command received is a hardware
general call, the Rx FIFO holds the second byte of the command, and this can be compared with the
I2CxALT register.
This bit is cleared by writing a 1 to the I2CGCCLR bit in I2CxSCON.
6
I2CSBUSY
I2C slave busy status bit.
This bit is set to 1 when the slave receives a start condition.
This bit is cleared by hardware if the received address does not match any of the I2CxIDx registers, the
slave device receives a stop condition or if a repeated start address does not match any of the I2CxIDx
registers.
5
I2CSNA
I2C slave no acknowledge data bit.
This bit is set to 1 when the slave responds to a bus address with a no acknowledge. This bit is asserted
under the following conditions: if no acknowledge is returned because there is no data in the Tx FIFO or if
the I2CNACKEN bit is set in the I2CxSCON register.
This bit is cleared in all other conditions.
4
I2CSRxFO
Slave Rx FIFO overflow.
This bit is set to 1 when a byte is written to the Rx FIFO when it is already full.
This bit is cleared in all other conditions.
3
I2CSRXQ
I2C slave receive request bit.
This bit is set to 1 when the slave Rx FIFO is not empty. This bit causes an interrupt to occur if the
I2CSRXENI bit in I2CxSCON is set.
The Rx FIFO must be read or flushed to clear this bit.
2
I2CSTXQ
I2C slave transmit request bit.
This bit is set to 1 when the slave receives a matching address followed by a read. If the I2CSETEN bit in
I2CxSCON is = 0, , this bit goes high just after the negative edge of SCL during the read bit transmission. If
the I2CSETEN bit in I2CxSCON is = 1, this bit goes high just after the positive edge of SCL during the read
bit transmission. This bit causes an interrupt to occur if the I2CSTXENI bit in I2CxSCON is set.
This bit is cleared in all other conditions.
Rev. E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com