Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5013 Datasheet(PDF) 13 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 13 Page - ams AG

Back Button AS5013 Datasheet HTML 9Page - ams AG AS5013 Datasheet HTML 10Page - ams AG AS5013 Datasheet HTML 11Page - ams AG AS5013 Datasheet HTML 12Page - ams AG AS5013 Datasheet HTML 13Page - ams AG AS5013 Datasheet HTML 14Page - ams AG AS5013 Datasheet HTML 15Page - ams AG AS5013 Datasheet HTML 16Page - ams AG AS5013 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
www.ams.com/AS5013
Revision 1.11
13 - 32
AS5013
Datasheet - Detailed Descr i p ti on
Bus Not Busy: Both data and clock lines remain HIGH.
Start Data Transfer: A change in the state of the data line, from HIGH to LOW, while the clock is HIGH, defines a START condition.
Stop Data Transfer: A change in the state of the data line, from LOW to HIGH, while the clock line is HIGH, defines the STOP condition.
Data Valid: The state of the data line represents valid data when, after a START condition, the data line is stable for the duration of the HIGH
period of the clock signal. The data on the line must be changed during the LOW period of the clock signal. There is one clock pulse per bit of
data. Each data transfer is initiated with a START condition and terminated with a STOP condition. The number of data bytes transferred
between START and STOP conditions are not limited, and are determined by the master device. The information is transferred byte-wise and
each receiver acknowledges with a ninth bit.
Acknowledge: Each receiving device, when addressed, is obliged to generate an acknowledge after the reception of each byte. The master
device must generate an extra clock pulse that is associated with this acknowledge bit.
A device that acknowledges must pull down the SDA line during the acknowledge clock pulse in such a way that the SDA line is stable LOW
during the HIGH period of the acknowledge-related clock pulse. Of course, setup and hold times must be taken into account. A master must
signal an end of READ access to the slave by not generating an acknowledge bit on the last byte that has been clocked out of the slave. In this
case, the slave must leave the data line HIGH to enable the master to generate the STOP condition.
Figure 10. Data Read (Write Pointer, Then Read) - Slave Receive and Transmit
Depending upon the state of the R/W bit, two types of data transfer are possible:

Data transfer from a master transmitter to a slave receiver: The first byte transmitted by the master is the slave address, followed by R/
W = 0. Next follows a number of data bytes. The slave returns an acknowledge bit after each received byte. If the slave does not understand
the command or data it sends a “not acknowledge”. Data is transferred with the most significant bit (MSB) first.

Data transfer from a slave transmitter to a master receiver: The master transmits the first byte (the slave address). The slave then
returns an acknowledge bit, followed by the slave transmitting a number of data bytes. The master returns an acknowledge bit after all
received bytes other than the last byte. At the end of the last received byte, a “not acknowledge” is returned. The master device generates
all of the serial clock pulses and the START and STOP conditions. A transfer is ended with a STOP condition or with a repeated START
condition. Since a repeated START condition is also the beginning of the next serial transfer, the bus is not released. Data is transferred with
the most significant bit (MSB) first.
The AS5013 can operate in the following two modes:

Slave Receiver Mode (Write Mode): Serial data and clock are received through SDA and SCL. Each byte is followed by an acknowledge
bit (or by a not acknowledge depending on the address-pointer pointing to a valid position). START and STOP conditions are recognized as
the beginning and end of a serial transfer. Address recognition is performed by hardware after reception of the slave address and direction
bit (see Figure 11). The slave address byte is the first byte received after the START condition. The slave address byte contains the 7-bit
AS5013 address, which is stored in the OTP memory.
The 7-bit slave address is followed by the direction bit (R/W), which, for a write, is 0. After receiving and decoding the slave address byte the
device outputs an acknowledge on the SDA. After the AS5013 acknowledges the slave address + write bit, the master transmits a register
address to the AS5013. This sets the address pointer on the AS5013. If the address is a valid readable address the AS5013 answers by
sending an acknowledge. If the address-pointer points to an invalid position a “not acknowledge” is sent. The master may then transmit zero
or more bytes of data. In case of the address pointer pointing to an invalid address the received data are not stored. The address pointer will
increment after each byte transferred independent from the address being valid. If the address-pointer reaches a valid position again, the
AS5013 answers with an acknowledge and stores the data. The master generates a STOP condition to terminate the data write.
1
1
9
8
7
6
29
8
7
SDA
SCL
Start
Condition
Stop Condition or
Repeated Start Condition
MSB
R/W
ACK
LSB
ACK
Slave Address
Repeated if more Bytes are transferred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com