Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5013 Datasheet(PDF) 19 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 19 Page - ams AG

Back Button AS5013 Datasheet HTML 15Page - ams AG AS5013 Datasheet HTML 16Page - ams AG AS5013 Datasheet HTML 17Page - ams AG AS5013 Datasheet HTML 18Page - ams AG AS5013 Datasheet HTML 19Page - ams AG AS5013 Datasheet HTML 20Page - ams AG AS5013 Datasheet HTML 21Page - ams AG AS5013 Datasheet HTML 22Page - ams AG AS5013 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
www.ams.com/AS5013
Revision 1.11
19 - 32
AS5013
Datasheet - I² C Registers
8.2 X Register (10h)
8.3 Y_res_int Register (11h)
8.4 Xp Register (12h)
8.5 Xn Register (13h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
X[7]
X[6]
X[5]
X[4]
X[3]
X[2]
X[1]
X[0]
R
R
R
RRRR
R
Reset value: 0000 0000
Bit
Bit Description
7:0
X coordinate, Two’s complement format (signed -128 ~ +127).
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Y[7]
Y[6]
Y[5]
Y[4]
Y[3]
Y[2]
Y[1]
Y[0]
R
R
R
RRRR
R
Reset value: 0000 0000
Bit
Bit Description
7:0
Y coordinate, Two’s complement format (signed -128 ~ +127).
Reading this register will reset the INTn output to Hi-Z after the ACK bit of Y_res_int register readback.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Xp[7]
Xp[6]
Xp[5]
Xp[4]
Xp[3]
Xp[2]
Xp[1]
Xp[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset value: 0000 0101 (5d)
Bit
Bit Description
7:0
Xp range value, Two’s complement (signed: -128 ~ +127).
Determines the LEFT threshold for the activation of INTn output (if output enabled), when bit INT_function = 1
(see Control Register 1 (0Fh) on page 17).
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Xn[7]
Xn[6]
Xn[5]
Xn[4]
Xn[3]
Xn[2]
Xn[1]
Xn[0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset value: 1111 1011 (-5d)
Bit
Bit Description
7:0
Xn range value, Two’s complement (signed: -128 ~ +127).
Determines the RIGHT threshold for the activation of INTn output (if output enabled), when bit INT_function = 1
(see Control Register 1 (0Fh) on page 17).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com