Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5013 Datasheet(PDF) 6 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 6 Page - ams AG

Back Button AS5013 Datasheet HTML 2Page - ams AG AS5013 Datasheet HTML 3Page - ams AG AS5013 Datasheet HTML 4Page - ams AG AS5013 Datasheet HTML 5Page - ams AG AS5013 Datasheet HTML 6Page - ams AG AS5013 Datasheet HTML 7Page - ams AG AS5013 Datasheet HTML 8Page - ams AG AS5013 Datasheet HTML 9Page - ams AG AS5013 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
www.ams.com/AS5013
Revision 1.11
6 - 32
AS5013
Datasheet - Electrical Character i s t ics
6.2 Digital IO pads DC/AC Characteristics
Table 4. DC/AC Characteristics
Symbol
Parameter
Conditions
Min
Max
Units
Inputs: SCL, SDA
VIH
High level input voltage
IIC
0.7 * VDDp
V
VIL
Low level input voltage
IIC
0.3 * VDDp
V
ILEAK
Input leakage current
VDDp = 3.6V
1
µA
Inputs: ADDR, RESETn (JEDEC76)
VIH
High level input voltage
JEDEC
0.65 * VDDp
V
VIL
Low level input voltage
JEDEC
0.35 * VDDp
V
ILEAK
Input leakage current
VDDp = 3.6V
1
µA
Outputs: SDA
VOH
High level output voltage
High level output voltage
Open drain
Leakage
current 1 µA
VOL1
Low level output voltage
-6mA;
VDDP > 2V;
fast mode
VSS + 0.4
V
VOL3
-6mA;
VDDP
≤ 2V;
fast mode
VDDP*0.2
V
VOL1
-3mA;
VDDP > 2V;
high speed
VSS + 0.4
V
VOL3
-3mA;
VDDP
≤ 2V;
high speed
VDDP*0.2
V
CL
Capacitive load
standard mode
(100 kHz)
400
pF
fast mode
(400 kHz)
400
pF
high speed mode
(3.4 MHz)
100
pF
Outputs: INTn (JEDEC76)
VOH
High level output voltage
High level output voltage
Open drain
Leakage
current 1µA
VOL
Low level output voltage
-100µA
VSS + 0.2
V
VOL
-2mA
VSS + 0.45
V
CL
Capacitive load
standard mode
(100 kHz)
30
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com