Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5013 Datasheet(PDF) 30 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 30 Page - ams AG

Back Button AS5013 Datasheet HTML 24Page - ams AG AS5013 Datasheet HTML 25Page - ams AG AS5013 Datasheet HTML 26Page - ams AG AS5013 Datasheet HTML 27Page - ams AG AS5013 Datasheet HTML 28Page - ams AG AS5013 Datasheet HTML 29Page - ams AG AS5013 Datasheet HTML 30Page - ams AG AS5013 Datasheet HTML 31Page - ams AG AS5013 Datasheet HTML 32Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
www.ams.com/AS5013
Revision 1.11
30 - 32
AS5013
Datasheet - Revision Hist ory
Revision History
Note:
Typos may not be explicitly mentioned under revision history.
Revision
Date
Owner
Description
0.2
06 Apr, 2010
Preliminary
1.0
15 Jun, 2010
Y_res_int ACK resets INTn, not STOP bit
Bit Soft_rst description inverted (soft_rst = Normal mode)
Control register 2 bit 7: always 1 and Test bits fixed to ‘0’
Added PSSR and Noise values
1.1
02 Jul, 2010
Registers Initialization (refer to page 24) – step 5: Write 86h to Control
register 2, for magnet polarity inversion
1.2
19 Jul, 2010
I²C Interface (refer to page 10) – I²C address inverted (40h and 41h for 1000
000 and 1000 001)
1.3
22 Jul, 2010
Added chapter Power ON (page 23)
1.4
16 Aug, 2010
Pin Assignments (page 3) and Absolute Maximum Ratings (page 4): ESD
direct pad contact ±2kV
1.5
20 Sep, 2010
Updated I²C Timing diagrams
1.10
08 Jul, 2011
Updated the entire datasheet according to the latest specification
1.11
05 Jan, 2012
rph
Updated Figure 3 and Table 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com