Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5013 Datasheet(PDF) 1 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 1 Page - ams AG

  AS5013 Datasheet HTML 1Page - ams AG AS5013 Datasheet HTML 2Page - ams AG AS5013 Datasheet HTML 3Page - ams AG AS5013 Datasheet HTML 4Page - ams AG AS5013 Datasheet HTML 5Page - ams AG AS5013 Datasheet HTML 6Page - ams AG AS5013 Datasheet HTML 7Page - ams AG AS5013 Datasheet HTML 8Page - ams AG AS5013 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
AS5013
Low Power Integrated Hall IC for Human Interface Applications
www.ams.com/AS5013
Revision 1.11
1 - 32
1 General Description
The AS5013 is a complete Hall Sensor IC for smart navigation key
applications to meet the low power requirements and host SW
integration challenges for products such as cell phones and smart
handheld devices.
Due to the on chip processing engine, system designers are not
tasked with integrating complex SW algorithms on their host
processor thus leading to rapid development cycles.
The AS5013 single-chip IC includes 5 integrated Hall sensing
elements for detecting up to ±2mm lateral displacement, high
resolution ADC, XY coordinate and motion detection engine
combined with a smart power management controller.
The X and Y positions coordinates and magnetic field information for
each Hall sensor element is transmitted over a 2-wire I²C compliant
interface to the host processor.
The AS5013 is available in a small 16-pin 4x4x0.55mm QFN
package and specified over an operating temperature of
-20ºC to +80ºC.
Figure 1. AS5013 Block Diagram
2 Key Features

2.7V to 3.6V operating voltage

Down to 1.7V peripheral supply voltage

Two operating modes:
- Idle mode
- Low power mode

Less than 3µA current consumption in Idle mode

Low power mode with selectable readout rate

Two interrupt modes
- Motion detect
- Data ready

Lateral magnet movement radius up to 2mm

High-speed I²C interface
3 Applications
The AS5013 is ideal for small form-factor manual input devices in
battery operated equipment, such as Mobile phones, MP3 players,
PDAs, GPS receivers and Gaming consoles.
VDD
SDA
SCL
Power
Management
Processing
Engine
ADC
I² C
Interface
C3
C2
C4
C1
Hall Sensors
AS5013
Clock
Generator
VDDp
INTn
VSS
RESETn
ADDR
C5


Similar Part No. - AS5013

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5013 AMSCO-AS5013 Datasheet
1Mb / 50P
Low Power Integrated Hall IC for Human Interface Applications
2021-Apr-19
AS5013 AMSCO-AS5013_V01 Datasheet
1Mb / 50P
Low Power Integrated Hall IC for Human Interface Applications
2021-Apr-19
More results

Similar Description - AS5013

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN249 SILABS-AN249 Datasheet
434Kb / 42P
HUMAN INTERFACE DEVICE TUTORIAL
logo
International Rectifier
IRAM136-3023B IRF-IRAM136-3023B Datasheet
218Kb / 16P
Integrated Power Hybrid IC for Low Voltage Motor Applications
IRAM136-3063B IRF-IRAM136-3063B Datasheet
222Kb / 16P
Integrated Power Hybrid IC for Low Voltage Motor Applications
logo
ams AG
AS5011 AMSCO-AS5011 Datasheet
540Kb / 16P
Low Power Integrated Hall IC for Human Interface Applications
logo
International Rectifier
IRAMX16UP60A IRF-IRAMX16UP60A_08 Datasheet
379Kb / 17P
Integrated Power Hybrid IC for Appliance Motor Drive Applications
logo
Grayhill, Inc
3D32XK-200 GRAYHILL-3D32XK-200 Datasheet
1Mb / 2P
INTUITIVE HUMAN INTERFACE SOLUTIONS
logo
Torex Semiconductor
XC3202B-12 TOREX-XC3202B-12 Datasheet
202Kb / 9P
Low Power Consumption Hall IC
XC3202B TOREX-XC3202B_15 Datasheet
202Kb / 9P
Low Power Consumption Hall IC
logo
ams AG
AS5013 AMSCO-AS5013_V01 Datasheet
1Mb / 50P
Low Power Integrated Hall IC for Human Interface Applications
2021-Apr-19
logo
Delta Electronics, Inc.
DOP-AE57CSTD DELTA-DOP-AE57CSTD Datasheet
5Mb / 12P
Human Machine Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com