Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5013 Datasheet(PDF) 5 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 5 Page - ams AG

  AS5013 Datasheet HTML 1Page - ams AG AS5013 Datasheet HTML 2Page - ams AG AS5013 Datasheet HTML 3Page - ams AG AS5013 Datasheet HTML 4Page - ams AG AS5013 Datasheet HTML 5Page - ams AG AS5013 Datasheet HTML 6Page - ams AG AS5013 Datasheet HTML 7Page - ams AG AS5013 Datasheet HTML 8Page - ams AG AS5013 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
www.ams.com/AS5013
Revision 1.11
5 - 32
AS5013
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
6.1 Operating Conditions
TAMB = -20°C to +80°C, VDD = 3.3V, RESETn = HIGH
Table 3. Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Core supply voltage
2.7
3.6
V
VDDp
Peripheral supply voltage
Input: RESETn
Open drain outputs: SCL, SDA, INTn.
External I2C pull up resistor to be connected
to VDDp.
1.7
VDD
V
IDDs
Maximal average current consumption
on VDD, Pulsed peaks = IDDf
depends on the sampling time ts[ms]
TAMB = -20ºC to +50ºC
3+3760/ts [ms]
µA
TAMB = 50ºC to +80ºC
10+3760/ts [ms]
IDDI
Current consumption on core supply,
Idle mode, no readout (ts = infinite)
TAMB = -20ºC to +50ºC
3
µA
TAMB = 50ºC to +80ºC
10
IDDf
Current consumption on core supply,
Idle mode, continuous readout
(ts=450µs)
Continuous current pin VDD
Maximum sampling ts = 450µs
10
mA
Tpua
Power up time analog
Step on VDD to Data_Ready
1000
µs
Tconv
Conversion time
Read X/Y coordinate I²C Y_res_int ACK bit
of to Data_Ready
450
µs
tP,W
Nominal wakeup time
20
320
ms
dx
dy
Lateral movement radius
The range depends on the magnet and the
distance to the surface, dx²+dy² <= 4mm
2mm
d
Type of magnet
Cylindrical; axial magnetized
2
3
mm
RH
Hall array diameter
2.2
mm
BZ
Magnetic field strength
Vertical magnetic field at magnet center;
measured at chip surface
30
120
mT
TAMB
Ambient temperature range
-20
+80
°C
Resolution of XY displacement
Over 2*dx and 2*dy axis
8
bit
Noise (RMS)
C1..C5 channel data (result from two
measurement – positive and negative
current spinning)
100
µT
PSSR
Power Supply Rejection Ratio
VDD=3.3V;
Temp = 25°C
dVDD= 100 mVpp at 10.30 kHz
0.2
%/
100mV
IC package
QFN16 4x4x0.55mm
Power supply filtering capacitors
Ceramic capacitor VDD - VSS
100
nF
Ceramic capacitor VDDp - VSS
100
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com