Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5013 Datasheet(PDF) 28 Page - ams AG

Part # AS5013
Description  Low Power Integrated Hall IC for Human Interface Applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5013 Datasheet(HTML) 28 Page - ams AG

Back Button AS5013 Datasheet HTML 24Page - ams AG AS5013 Datasheet HTML 25Page - ams AG AS5013 Datasheet HTML 26Page - ams AG AS5013 Datasheet HTML 27Page - ams AG AS5013 Datasheet HTML 28Page - ams AG AS5013 Datasheet HTML 29Page - ams AG AS5013 Datasheet HTML 30Page - ams AG AS5013 Datasheet HTML 31Page - ams AG AS5013 Datasheet HTML 32Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
www.ams.com/AS5013
Revision 1.11
28 - 32
AS5013
Datasheet - Packa ge Drawin gs and Ma rk ings
Marking: YYWWIZZ.
9.1 Recommended Footprint
Figure 20. Footprint
9.2 Recommended Mounting
The typical mounting configuration of the AS5013 with the mechanics is on both sides of the PCB:
- Mechanics + Magnet on the top side
- AS5013 IC on the bottom side
A thickness of 0.3mm to 1.0mm for the PCB is recommended.
A dome switch for push button function can be added as well.
Figure 21. AS5013 Mounting Example for Low Profile Joystick
YY
WW
I
ZZ
Last two digits of the current year
Manufacturing Week
Assembly plant identifier
Assembly traceability code
Recommended Footprint Data
Symbol (mm)
Typ
C1
3.7
C2
3.7
E
0.65
X1
0.40
Y1
0.7
X2
2.6
Y2
2.6
Y1
X1
X2
E
C1
1
AS 5013
Knob
Magnet
Adhesive tape
Dome switch
PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com