Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCM033 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # GCM033
Description  Chip Monolithic Ceramic Capacitors for Automotive
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM033 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button GCM033 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
12
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
High Dielectric Constant Type
The part numbering code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
L x W [mm]
Rated Volt. [Vdc]
TC
Capacitance
Tolerance
Part Number
100(
2A)
GCM319R72A104KA37D
GCM31MR72A154KA37L
GCM31MR72A224KA37L
50(
1H)
GCM31MR71H334KA37L
GCM31MR71H474KA37L
GCM31MR71H684KA55L
GCM31MR71H105KA55L
GCM31CR71H225KA55L
25(
1E)
GCM31MR71E225KA57L
GCM31CR71E475KA55L
16(
1C)
GCM31CR71C475KA37L
GCM31CR71C106KA64L
X7R(
R7)
3.2x1.6(
31)<1206>
0.10
µF(104)
0.15
µF(154)
0.22
µF(224)
0.33
µF(334)
0.47
µF(474)
0.68
µF(684)
1.0
µF(105)
2.2
µF(225)
4.7
µF(475)
10
µF(106)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
L x W [mm]
Rated Volt. [Vdc]
TC
Capacitance
Tolerance
Part Number
10(
1A)
GCM31CR71A106KA64L
6.3(
0J)
GCM31CR70J226ME23L
X7R(
R7)
3.2x1.6(
31)<1206>
10
µF(106)
22
µF(226)
±10%(K)
±20%(M)
L x W [mm]
Rated Volt. [Vdc]
TC
Capacitance
Tolerance
Part Number
100(
2A)
GCM216R72A682KA37D
GCM216R72A103KA37D
GCM216R72A153KA37D
GCM216R72A223KA37D
GCM219R72A333KA37D
GCM21BR72A473KA37L
GCM21BR72A683KA37L
GCM21BR72A104KA37L
50(
1H)
GCM219R71H333KA37D
GCM21BR71H473KA37L
GCM21BR71H683KA37L
GCM21BR71H104KA37L
GCM21BR71H154KA37L
GCM21BR71H224KA37L
GCM219R71H334KA55D
GCM21BR71H474KA55L
35(
YA)
GCM21BR7YA684KA55L
GCM21BR7YA105KA55L
25(
1E)
GCM21BR71E154KA37L
GCM21BR71E224KA37L
GCM21BR71E334KA37L
GCM219R71E474KA55D
GCM21BR71E684KA55L
GCM21BR71E105KA56L
GCM21BR71E225KA73L
X7R(
R7)
2.0x1.25(
21)<0805>
6800pF(
682)
10000pF(
103)
15000pF(
153)
22000pF(
223)
33000pF(
333)
47000pF(
473)
68000pF(
683)
0.10
µF(104)
0.15
µF(154)
0.22
µF(224)
0.33
µF(334)
0.47
µF(474)
0.68
µF(684)
1.0
µF(105)
2.2
µF(225)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
L x W [mm]
Rated Volt. [Vdc]
TC
Capacitance
Tolerance
Part Number
16(
1C)
GCM219R71C684KA37D
GCM219R71C105KA37D
GCM21BR71C225KA64L
GCM21BR71C475KA73L
10(
1A)
GCM21BR71A225KA37L
GCM21BC71A475KA73L
6.3(
0J)
GCM21BR70J106KE22L
X7R(
R7)/X7S(C7)
2.0x1.25(
21)<0805>
0.68
µF(684)
1.0
µF(105)
2.2
µF(225)
4.7
µF(475)
10
µF(106)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
±10%(K)
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C03E.pdf
10.5.20
Packaging Code in Part Number is a code shows STD 180mm Reel Taping.
qProduct ID
wSeries
eDimension (LgW)
rDimension (T)
tTemperature Characteristics
yRated Voltage
uCapacitance
iCapacitance Tolerance
oIndividual Specification Code !0Package
(Part Number)
w
GC
q
M
e
21
r
6
t
R7
y
2A
u
682
i
K
o
A37
!0
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com