Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCM033 Datasheet(PDF) 13 Page - Murata Manufacturing Co., Ltd.

Part # GCM033
Description  Chip Monolithic Ceramic Capacitors for Automotive
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM033 Datasheet(HTML) 13 Page - Murata Manufacturing Co., Ltd.

Back Button GCM033 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
GCM Series Specification and Test Methods
Step
1
-55+0/-3
15
±3
2
Room
Temp.
1
3
125+3/-0 (
∆C/R7/C7)
15
±3
4
Room
Temp.
1
Temp. (
°C)
Time (min.)
Continued on the following page.
Apply the rated voltage and 1.3+0.2/-0Vdc (add 6.8k
Ω resistor)
at 85
±3°C and 80 to 85% humidity for 1000±12 hours.
Remove and let sit for 24
±2 hours at room temperature, then
measure.
The charge/discharge current is less than 50mA.
6
Biased Humidity
The measured and observed characteristics should satisfy the
specifications in the following table.
Appearance
No marking defects
Capacitance
Change
Within
±3.0% or ±0.30pF
(Whichever is larger)
Within
±12.5%
Q/D.F.
30pF and over: Q
U200
30pF and below: Q
U100+1–
3
0 C
C: Nominal Capacitance (pF)
*1
W.V.: 25Vmin.: 0.035 max.
W.V.: 16V: 0.05 max.
I.R.
More than 1,000M
Ω or 50Ω · F
(Whichever is smaller)
*1
Apply the 24-hour heat (25 to 65
°C) and humidity (80 to 98%)
treatment shown below, 10 consecutive times.
Let sit for 24
±2 hours at room temperature, then measure.
5
Moisture
Resistance
The measured and observed characteristics should satisfy the
specifications in the following table.
Appearance
No marking defects
Capacitance
Change
Within
±3.0% or ±0.30pF
(Whichever is larger)
Within
±12.5%
Q/D.F.
30pFmin.: Q
U350
10pF and over, 30pF and below:
Q
U275+5–
2 C
10pFmax.: Q
U200+10C
C: Nominal Capacitance (pF)
W.V.: 25Vmin.: 0.03 max.
W.V.: 16V: 0.05 max.
*1
I.R.
More than 10,000M
Ω or 500Ω · F
(Whichever is smaller)
*1
Per EIA-469
4
Destructive
Physical Analysis
No defects or abnormalities
Fix the capacitor to the supporting jig in the same manner and
under the same conditions as (18). Perform the 1000 cycles
according to the four heat treatments listed in the following table.
Let sit for 24
±2 hours at room temperature, then measure
• Initial measurement for high dielectric constant type
Perform a heat treatment at 150
W0
Y10
°C for one hour and then
let sit for 24
±2 hours at room temperature.
Perform the initial measurement.
3
Temperature
Cycle
The measured and observed characteristics should satisfy the
specifications in the following table.
Appearance
No marking defects
Capacitance
Change
Within
±2.5% or ±0.25pF
(Whichever is larger)
Within
±10.0%
Q/D.F.
30pFmin.: Q
U1000
30pFmax.: Q
U400+20C
C: Nominal Capacitance (pF)
*1
W.V.: 25Vmin.: 0.03 max.
W.V.: 16V: 0.05 max.
I.R.
More than 10,000M
Ω or 500Ω · F
(Whichever is smaller)
*1
Sit the capacitor for 1000
±12 hours at 150±3°C. Let sit for 24±2
hours at room temperature, then measure.
2
High Temperature
Exposure (Storage)
The measured and observed characteristics should satisfy the
specifications in the following table.
Appearance
No marking defects
Capacitance
Change
Within
±2.5% or ±0.25pF
(Whichever is larger)
Within
±10.0%
Q/D.F.
30pFmin.: Q
U1000
30pFmax.: Q
U400+20C
C: Nominal Capacitance (pF)
*1
W.V.: 25Vmin.: 0.03 max.
W.V.: 16V: 0.05 max.
I.R.
More than 10,000M
Ω or 500Ω · F
(Whichever is smaller)
*1
1
Pre-and Post-Stress
Electrical Test
–
No.
AEC-Q200 Test Method
Specifications
Temperature Compensating Type
High Dielectric Type
AEC-Q200
Test Item
°C
70
65
60
65
50
45
40
35
30
25
20
15
10
5
0
-5
-10
Humidity
90-98%
Humidity
80-98%
Humidity
90-98%
Humidity
80-98%
Humidity
90-98%
+10
-2°C
Initial measurement
One cycle 24 hours
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Hours
*1: The figure indicates typical specification. Please refer to individual specifications.
Specifications and Test Methods
14
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C03E.pdf
10.5.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com