Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCM033 Datasheet(PDF) 16 Page - Murata Manufacturing Co., Ltd.

Part # GCM033
Description  Chip Monolithic Ceramic Capacitors for Automotive
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM033 Datasheet(HTML) 16 Page - Murata Manufacturing Co., Ltd.

Back Button GCM033 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
GCM Series Specification and Test Methods
Continued from the preceding page.
Type
a
0.3
0.5
0.6
0.8
2.0
2.0
b
0.9
1.5
2.2
3.0
4.4
4.4
c
0.3
0.6
0.9
1.3
1.7
2.6
(in mm)
GCM03
GCM15
GCM18
GCM21
GCM31
GCM32
Type
a
0.3
0.4
1.0
1.2
2.2
2.2
b
0.9
1.5
3.0
4.0
5.0
5.0
c
0.3
0.5
1.2
1.65
2.0
2.9
(in mm)
GCM03
GCM15
GCM18
GCM21
GCM31
GCM32
b
C
100
a
t: 1.6mm
(GCM03/15: 0.8mm)
45
45
R4
20
114
Pressunzing
speed: 1.0mm/sec
Pressurize
Capacitance meter
Flexure:
V2
(High Dielectric Type)
Flexure:
V3
(Temperature
Compensating Type)
c
Baked electrode or
copper foil
Solder resist
(t=1.6mm
GCM03/15: 0.8mm)
Iron Board
0.6
L
Place the capacitor in the beam load fixture as Fig. 4.
Apply a force.
< Chip Length: 2.5mm max. >
Speed supplied the Stress Load: 0.5mm / sec.
< Chip Length: 3.2mm min. >
Speed supplied the Stress Load: 2.5mm / sec.
Fig. 4
20
Beam Load Test
The chip endure following force.
< Chip L dimension: 2.5mm max. >
Chip thickness
G 0.5mm rank: 20N
Chip thickness
V 0.5mm rank: 8N
< Chip L dimension: 3.2mm min. >
Chip thickness
F 1.25mm rank: 15N
Chip thickness
U 1.25mm rank: 54.5N
Solder the capacitor to the test jig (glass epoxy board) shown in
Fig. 3 using a eutectic solder. Then apply *18N force in parallel
with the test jig for 60sec.
The soldering should be done either with an iron or using the
reflow method and should be conducted with care so that the
soldering is uniform and free of defects such as heat shock.
*2N (GCM03/15)
Fig. 3
19
Terminal
Strength
Appearance
No marking defects
Capacitance
Change
Within the specified tolerance
Q/D.F.
30pF min.: Q
U1000
30pF max.: Q
U400+20C
C: Nominal Capacitance (pF)
*1
W.V.: 25Vmin.: 0.025 max.
W.V.: 16V: 0.035 max.
I.R.
More than 10,000M
Ω or 500Ω · F
(Whichever is smaller)
*1
Solder the capacitor on the test jig (glass epoxy board) shown in
Fig. 1 using a eutectic solder. Then apply a force in the direction
shown in Fig. 2 for 5
±1sec. The soldering should be done by the
reflow method and should be conducted with care so that the
soldering is uniform and free of defects such as heat shock.
Fig. 2
18
Board
Flex
Appearance
No marking defects
Capacitance
Change
Within
±5.0% or ±0.5pF
(Whichever is larger)
Within
±10.0%
Q/D.F.
30pF min.: Q
U1000
30pF max.: Q
U400+20C
C: Nominal Capacitance (pF)
*1
W.V.: 25Vmin.: 0.025 max.
W.V.: 16V: 0.035 max.
I.R.
More than 10,000M
Ω or 500Ω · F
(Whichever is smaller)
*1
Fig. 1
No.
AEC-Q200 Test Method
Specifications
Temperature Compensating Type
High Dielectric Type
AEC-Q200
Test Item
Continued on the following page.
*1: The figure indicates typical specification. Please refer to individual specifications.
Specifications and Test Methods
17
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C03E.pdf
10.5.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com