Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCM033 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # GCM033
Description  Chip Monolithic Ceramic Capacitors for Automotive
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM033 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  GCM033 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
5
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Chip Monolithic Ceramic Capacitors for Automotive
for Automotive GCM Series
s Features
1. The GCM series meet AEC-Q200 requirements.
2. Higher resistance of solder-leaching due to
the Ni-barriered termination, applicable for
reflow-soldering, and flow-soldering
(GCM18/21/31 type only).
3. The operating temperature range of R7/C7/5C
series: -55 to 125 degree C.
4. A wide selection of sizes is available, from
miniature LxWxT:0.6x0.3x0.3mm to LxWxT:
3.2x2.5x2.5mm.
5. The GCM series is available in paper or embossed
tape and reel packaging for automatic placement.
6. The GCM series is lead free product.
s Applications
Automotive electronic equipment (Power-train,
safety equipment)
L
W
e
e
g
*
Bulk Case: 1.6
±0.07(L)g0.8 ±0.07(W)g0.8 ±0.07(T)
The figure indicates typical specification.
Part Number
LW
T
Dimensions (mm)
e
g min.
GCM033
GCM155
GCM188*
GCM216
GCM219
GCM21B
GCM319
GCM31M
GCM31C
GCM32N
GCM32R
GCM32D
GCM32E
0.6
±0.03
1.0
±0.05
1.6
±0.1
2.0
±0.15
3.2
±0.15
3.2
±0.2
3.2
±0.3
0.3
±0.03
0.5
±0.05
0.8
±0.1
1.25
±0.15
1.6
±0.15
1.6
±0.2
2.5
±0.2
0.3
±0.03
0.5
±0.05
0.8
±0.1
0.6
±0.1
0.85
±0.1
1.25
±0.15
0.85
±0.1
1.15
±0.1
1.6
±0.2
1.35
±0.15
1.8
±0.2
2.0
±0.2
2.5
±0.2
0.1 to 0.2
0.15 to 0.35
0.2 to 0.5
0.2 to 0.7
0.3 to 0.8
0.3 min.
0.2
0.3
0.5
0.7
1.5
1.0
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C03E.pdf
10.5.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com