Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCM033 Datasheet(PDF) 18 Page - Murata Manufacturing Co., Ltd.

Part # GCM033
Description  Chip Monolithic Ceramic Capacitors for Automotive
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM033 Datasheet(HTML) 18 Page - Murata Manufacturing Co., Ltd.

Back Button GCM033 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Part Number
Dimensions (mm)
W
T
Bulk Bag
Packaging Code: B
Bulk Case
Packaging Code: C
ø180mm reel
Paper Tape
Packaging Code: D
Embossed Tape
Packaging Code: L
Paper Tape
Packaging Code: J
Embossed Tape
Packaging Code: K
ø330mm reel
L
Quantity (pcs.)
Minimum Quantity Guide
Continued on the following page.
Tape Carrier Packaging
1. Dimensions of Reel
2.0
±0.5
ø180mm Reel
10
±1.5 for 8mm wide tape
14
±1.5 for 12mm wide tape
ø13.0
±0.5
ø21.0
±0.8
(in mm)
ø330mm Reel
2.0
±0.5
10
±1.5 for 8mm wide tape
14
±1.5 for 12mm wide tape
ø13.0
±0.5
ø21.0
±0.8
1) There are parts number without bulk case.
GCM03
GCM15
GCM18
GCM21
GCM31
GCM32
0.6
1.0
1.6
2.0
3.2
3.2
0.3
0.5
0.8
1.25
1.6
2.5
0.3
0.5
0.8
0.6
0.85
1.25
0.85
1.15
1.6
1.15
1.35
1.6
1.8/2.0/2.5
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
-
50,000
15,000
1)
10,000
-
5,000
1)
-
-
-
-
-
-
-
50,000
50,000
10,000
10,000
10,000
-
10,000
-
-
-
-
-
-
-
-
-
-
-
10,000
-
10,000
6,000
10,000
8,000
6,000
4,000
15,000
10,000
4,000
4,000
4,000
-
4,000
-
-
-
-
-
-
-
-
-
-
-
3,000
-
3,000
2,000
3,000
2,000
2,000
1,000
Package
19
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C03E.pdf
10.5.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com