Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCM033 Datasheet(PDF) 21 Page - Murata Manufacturing Co., Ltd.

Part # GCM033
Description  Chip Monolithic Ceramic Capacitors for Automotive
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM033 Datasheet(HTML) 21 Page - Murata Manufacturing Co., Ltd.

Back Button GCM033 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
!Caution
1. The performance of chip monolithic ceramic capacitors
may be affected by the storage conditions.
1-1. Store capacitors in the following conditions:
Temperature of +5
°C to +40°C and a Relative
Humidity of 20% to 70%.
(1) Sunlight, dust, rapid temperature changes,
corrosive gas atmosphere or high temperature
and humidity conditions during storage may affect
the solderability and the packaging performance.
Please use product within six months of receipt.
(2) Please confirm solderability before using after
six months. Store the capacitors without opening
the original bag. Even if the storage period is
short, do not exceed the specified atmospheric
conditions.
1-2. Corrosive gas can react with the termination
(external) electrodes or lead wires of capacitors, and
result in poor solderability. Do not store the
capacitors in an atmosphere consisting of corrosive
gas (e.g., hydrogen sulfide, sulfur dioxide, chlorine,
ammonia gas, etc.).
1-3. Due to moisture condensation caused by rapid
humidity changes, or the photochemical change
caused by direct sunlight on the terminal electrodes
and/or the resin/epoxy coatings, the solderability and
electrical performance may deteriorate. Do not store
capacitors under direct sunlight or in high humidity
conditions.
s Storage and Operation condition
!Caution (Storage and Operation Condition)
22
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C03E.pdf
10.5.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com