Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCM033 Datasheet(PDF) 29 Page - Murata Manufacturing Co., Ltd.

Part # GCM033
Description  Chip Monolithic Ceramic Capacitors for Automotive
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM033 Datasheet(HTML) 29 Page - Murata Manufacturing Co., Ltd.

Back Button GCM033 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
!Caution
Solder Amount
in section
4-3. Correction with a Soldering Iron
1. When sudden heat is applied to the components when
using a soldering iron, the mechanical strength of the
components will decrease because the extreme
temperature change can cause deformations inside the
components. In order to prevent mechanical damage to
the components, preheating is required for both the
components and the PCB board. Preheating conditions,
(The "Temperature of the Soldering Iron Tip", "Preheating
Temperature", "Temperature Differential" between the
iron tip and the components and the PCB), should be
within the conditions of table 3. It is required to keep the
temperature differential between the soldering iron and
the component surfaces (
∆T) as small as possible.
2. After soldering, do not allow the component/PCB to
rapidly cool down.
3. The operating time for the re-working should be as short
as possible. When re-working time is too long, it may
cause solder leaching, and that will cause a reduction in
the adhesive strength of the terminations.
4. Optimum Solder amount when re-working with a
Soldering lron
4-1. In case of sizes smaller than 0603, (GCM03/15/18),
the top of the solder fillet should be lower than 2/3's
of the thickness of the component or 0.5mm
whichever is smaller. In case of 0805 and larger
sizes, (GCM21/31/32), the top of the solder fillet
should be lower than 2/3's of the thickness of the
component. If the solder amount is excessive, the
risk of cracking is higher during board bending or
under any other stressful condition.
4-2. A soldering iron with a tip of ø3mm or smaller should
be used. It is also necessary to keep the soldering
iron from touching the components during the
re-work.
4-3. Solder wire with ø0.5mm or smaller is required for
soldering.
GCM03/15/18/21/31
GCM32
∆TV190°C
∆TV130°C
Part Number
Temperature
Differential
(
∆T)
Table 3
Continued from the preceding page.
4-4. Leaded Component Insertion
1. If the PCB is flexed when leaded components (such as
transformers and ICs) are being mounted, chips may
crack and solder joints may break.
Before mounting leaded components, support the PCB
using backup pins or special jigs to prevent warping.
5. Washing
Excessive ultrasonic oscillation during cleaning can cause
the PCBs to resonate, resulting in cracked chips or broken
solder joints. Take note not to vibrate PCBs.
Air
Air
Atmosphere
350
°C max.
280
°C max.
Temperature
of Soldering
Iron Tip
150
°C min.
150
°C min.
Preheating
Temperature
*Applicable for both Pb-Sn and Lead Free Solder.
Pb-Sn Solder: Sn-37Pb
Lead Free Solder: Sn-3.0Ag-0.5Cu
Continued on the following page.
!Caution (Soldering and Mounting)
30
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C03E.pdf
10.5.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com